công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHC244DGVRE4 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện SN74AHC244DGVRE4
Giải thích chi tiết về linh kiện  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC244DGVRE4 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SN74AHC244DGVRE4 Datasheet HTML 1Page - Texas Instruments SN74AHC244DGVRE4 Datasheet HTML 2Page - Texas Instruments SN74AHC244DGVRE4 Datasheet HTML 3Page - Texas Instruments SN74AHC244DGVRE4 Datasheet HTML 4Page - Texas Instruments SN74AHC244DGVRE4 Datasheet HTML 5Page - Texas Instruments SN74AHC244DGVRE4 Datasheet HTML 6Page - Texas Instruments SN74AHC244DGVRE4 Datasheet HTML 7Page - Texas Instruments SN74AHC244DGVRE4 Datasheet HTML 8Page - Texas Instruments SN74AHC244DGVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN54AHC244, SN74AHC244
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCLS226J – OCTOBER 1995 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC244
SN74AHC244
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
5.8*
8.4*
1*
10*
1
10
ns
tPHL
A
Y
CL = 15 pF
5.8*
8.4*
1*
10*
1
10
ns
tPZH
OE
Y
CL =15 pF
6.6*
10.6*
1*
12.5*
1
12.5
ns
tPZL
OE
Y
CL = 15 pF
6.6*
10.6*
1*
12.5*
1
12.5
ns
tPHZ
OE
Y
CL =15 pF
5*
9.7*
1*
11*
1
11
ns
tPLZ
OE
Y
CL = 15 pF
5*
9.7*
1*
11*
1
11
ns
tPLH
A
Y
CL =50 pF
8.3
11.9
1
13.5
1
13.5
ns
tPHL
A
Y
CL = 50 pF
8.3
11.9
1
13.5
1
13.5
ns
tPZH
OE
Y
CL =50 pF
9.1
14.1
1
16
1
16
ns
tPZL
OE
Y
CL = 50 pF
9.1
14.1
1
16
1
16
ns
tPHZ
OE
Y
CL =50 pF
10.3
14
1
16
1
16
ns
tPLZ
OE
Y
CL = 50 pF
10.3
14
1
16
1
16
ns
tsk(o)
CL = 50 pF
1.5**
1.5
ns
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
∗∗ On products compliant to MIL-PRF-38535, this parameter does not apply.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC244
SN74AHC244
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
3.9*
5.5*
1*
6.5*
1
6.5
ns
tPHL
A
Y
CL = 15 pF
3.9*
5.5*
1*
6.5*
1
6.5
ns
tPZH
OE
Y
CL =15 pF
4.7*
7.3*
1*
8.5*
1
8.5
ns
tPZL
OE
Y
CL = 15 pF
4.7*
7.3*
1*
8.5*
1
8.5
ns
tPHZ
OE
Y
CL =15 pF
5*
7.2*
1*
8.5*
1
8.5
ns
tPLZ
OE
Y
CL = 15 pF
5*
7.2*
1*
8.5*
1
8.5
ns
tPLH
A
Y
CL =50 pF
5.4
7.5
1
8.5
1
8.5
ns
tPHL
A
Y
CL = 50 pF
5.4
7.5
1
8.5
1
8.5
ns
tPZH
OE
Y
CL =50 pF
6.2
9.3
1
10.5
1
10.5
ns
tPZL
OE
Y
CL = 50 pF
6.2
9.3
1
10.5
1
10.5
ns
tPHZ
OE
Y
CL =50 pF
6.7
9.2
1
10.5
1
10.5
ns
tPLZ
OE
Y
CL = 50 pF
6.7
9.2
1
10.5
1
10.5
ns
tsk(o)
CL = 50 pF
1**
1
ns
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
∗∗ On products compliant to MIL-PRF-38535, this parameter does not apply.


Số phần tương tự - SN74AHC244DGVRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC244DGVRE4 TI-SN74AHC244DGVRE4 Datasheet
691Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC244DGVRE4 TI-SN74AHC244DGVRE4 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74AHC244DGVRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com