công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11993W bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện LB11993W
Giải thích chi tiết về linh kiện  Monolithic Digital IC For Digital Video Camera Three-phase Brushless 3-in-1 Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11993W bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  LB11993W Datasheet HTML 1Page - Sanyo Semicon Device LB11993W Datasheet HTML 2Page - Sanyo Semicon Device LB11993W Datasheet HTML 3Page - Sanyo Semicon Device LB11993W Datasheet HTML 4Page - Sanyo Semicon Device LB11993W Datasheet HTML 5Page - Sanyo Semicon Device LB11993W Datasheet HTML 6Page - Sanyo Semicon Device LB11993W Datasheet HTML 7Page - Sanyo Semicon Device LB11993W Datasheet HTML 8Page - Sanyo Semicon Device LB11993W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LB11993W
No.A0677-2/15
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VCC1 max
7
V
Supply voltage 2
VCC2 max
9.0
V
Supply voltage 3
VS_C max
Capstan motor driver
7.0
V
Supply voltage 4
VS_D max
Drum motor driver
7.0
V
Supply voltage 5
VS_L max
Loading motor driver
7.0
V
Output voltage
VO max
9.0
V
VI1 max
Control system
-0.3 to VCC1+0.3
V
Input voltage
VI2 max
U, V, W, COM
9.0
V
Capstan output current
IOC max
1.0
A
Drum output current
IOD max
1.0
A
Loading output current
IOL max
0.6
A
Internal power dissipation
Pd max
Independent IC
0.6
W
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-55 to +150
°C
Recommended Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VCC1
VCC1≤VCC2
2.7 to 6.0
V
Supply voltage 2
VCC2
3.5 to 8.5
V
Supply voltage 3
VS_C
VS_C
≤VCC2
up to 6.5
V
Supply voltage 4
VS_D
VS_D
≤VCC2
up to 6.5
V
Supply voltage 5
VS_L
VS_L
≤VCC2
2.2 to 6.5
V
Hall input amplitude
VHALL
Capstan motor
±20 to ±80
mVp-p
Electrical Characteristics / Capstan motor driver block at Ta = 25
°C, VCC1=3V, VCC2=4.75V, VS=1.5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[Supply currents]
VCC1 supply current
ICC1
IOUT=100mA VSTBY_C=3V
5.6
10
mA
VCC2 supply current
ICC2
IOUT=100mA VSTBY_C=3V
6
12
mA
VCC1 quiescent current
ICC1Q
VSTBY_C=0V
3.3
5
mA
VCC2 quiescent current
ICC2Q
VSTBY_C=0V
100
µA
VS quiescent current
ISQ
VSTBY_C=0V
75
100
µA
[VX1]
Upper-side residual voltage
VXH1
IOUT=0.2A
0.22
0.28
V
Lower-side residual voltage
VXL1
IOUT=0.2A
0.22
0.28
V
[VX2]
Upper-side residual voltage
VXH2
IOUT=0.5A
0.3
0.4
V
Lower-side residual voltage
VXL2
IOUT=0.5A
0.3
0.4
V
Output saturation voltage
VOsat
IOUT=0.8A, Sink+Source
1.3
V
Amount of overlap
O.L
RL=39Ω*3, Rangle=20kΩ, Note 2
70
80
90
%
[Hall amplifier]
Input offset voltage
VHOFF
Design target value*
-5
+5
mV
Common-mode input range
VHCM
Rangle=20k
0.95
2.1
V
Input/output voltage gain
VGVH
Rangle=20k
25
27.5
30.5
dB
[Standby pin]
High-level voltage
VSTH
2.5
VCC1
V
Low-level voltage
VSTL
-0.2
0.7
V
Input current
ISTIN
VSTBY_C=3V
50
µA
Leakage current
ISTLK
VSTBY_C=0V
-30
µA
Continued on next page.


Số phần tương tự - LB11993W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11990W SANYO-LB11990W Datasheet
151Kb / 14P
   Three-Phase Brushless Motor Driver
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB11996H SANYO-LB11996H Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
More results

Mô tả tương tự - LB11993W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
LB11681H SANYO-LB11681H Datasheet
109Kb / 11P
   Monolithic Digital IC PWM Three-phase Brushless Motor Driver
logo
Rohm
BD6637KS ROHM-BD6637KS Datasheet
509Kb / 6P
   3 in 1 Motor Driver for Digital Video Camera
BD6300KU ROHM-BD6300KU Datasheet
324Kb / 6P
   3 in 1 Motor Driver for Digital Video Camera
logo
Sanyo Semicon Device
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB8649W SANYO-LB8649W Datasheet
133Kb / 9P
   Monolithic Digital IC Digital Camera Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com