công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11876 bảng dữ liệu(PDF) 7 Page - Sanyo Semicon Device

tên linh kiện LB11876
Giải thích chi tiết về linh kiện  Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11876 bảng dữ liệu(HTML) 7 Page - Sanyo Semicon Device

Back Button LB11876 Datasheet HTML 3Page - Sanyo Semicon Device LB11876 Datasheet HTML 4Page - Sanyo Semicon Device LB11876 Datasheet HTML 5Page - Sanyo Semicon Device LB11876 Datasheet HTML 6Page - Sanyo Semicon Device LB11876 Datasheet HTML 7Page - Sanyo Semicon Device LB11876 Datasheet HTML 8Page - Sanyo Semicon Device LB11876 Datasheet HTML 9Page - Sanyo Semicon Device LB11876 Datasheet HTML 10Page - Sanyo Semicon Device LB11876 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LB11876
No.8317-7/15
Continued from preceding page.
Pin No.
Pin
Description
Equivalent Circuit
4
S/S
Start/stop control
Low : 0V to 1.0V
High : 2.0V to VREG
This pin goes to the high level when open.
A low level specifies the start state.
Hysteresis : about 0.21V
5
CLK
SEL
Clock divisor selection
Low : 0V to 1.0V
High : 2.0V to VREG
This pin goes to the high level when open.
A low level specifies a divisor of two, and a high level
specifies a divisor of 1.
Hysteresis : about 0.21V
6
BR
SEL
Deceleration (braking) control selection
Low : 0V to 1.0V
High : 2.0V to VREG
This pin goes to the high level when open.
A low level specifies short-circuit braking, and a high
level or open specifies free running operation.
Hysteresis : about 0.21V
7
F/R
Forward/reverse selection
Low : 0V to 1.0V
High : 2.0V to VREG
This pin goes to the high level when open.
A low level specifies forward operation.
Hysteresis : about 0.21V
Continued on next page.
VREG
50k
Ω
5k
Ω
4
VREG
50k
Ω
5k
Ω
5
VREG
50k
Ω
5k
Ω
6
VREG
50k
Ω
5k
Ω
7


Số phần tương tự - LB11876

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11876 ONSEMI-LB11876 Datasheet
172Kb / 15P
   Three-Phase Brushless Motor Driver
May, 2013
More results

Mô tả tương tự - LB11876

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11872V SANYO-LB11872V Datasheet
122Kb / 12P
   Monolithic Digital IC For Polygonal Mirror Motors Scanner Driver IC
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com