công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WW5TC50 bảng dữ liệu(PDF) 2 Page - Willow Technologies Ltd |
|
WW5TC50 bảng dữ liệu(HTML) 2 Page - Willow Technologies Ltd |
2 / 2 page Derating Curve AMBIENT TEMP (°C) 100 80 60 40 20 0 25 50 75 100 125 150 175 200 225 250 275 300 325 350 CHAR. U CHAR. V Subject to change without notice ENVIRONMENTAL SPECIFICATIONS CHARACTERISTIC LOAD LIFE MOISTURE RESISTANCE THERMAL SHOCK SHORT TIME OVERLOAD DIELECTRIC STRENGTH LOW TEMP. STORAGE HIGH TEMP. EXPOSURE TERMINAL STRENGTH SHOCK VIBRATION ± .5% + .05 Ω U V ± .2% + .05 Ω ± .1% + .05 Ω ± .2% + .05 Ω ± .2% + .05 Ω ± .2% + .05 Ω ± .1% + .05 Ω ± .1% + .05 Ω ± .1% + .05 Ω ± .5% + .05 Ω ± .5% + .05 Ω ± .1% + .05 Ω ± .1% + .05 Ω ± .1% + .05 Ω ± .2% + .05 Ω ± .5% + .05 Ω ± .1% + .05 Ω ± .2% + .05 Ω ± .2% + .05 Ω ± 3.0% + .05 Ω WW Series resistors have an operating temperature of -55°C to +350°C. They must be derated for use at high ambient temperatures as shown above. Resistors with characteristic V are available in 3%, 5% and 10% only. |
Số phần tương tự - WW5TC50 |
|
Mô tả tương tự - WW5TC50 |