công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST10F269Z1Q6 bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện ST10F269Z1Q6
Giải thích chi tiết về linh kiện  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1Q6 bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button ST10F269Z1Q6 Datasheet HTML 5Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 6Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 7Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 8Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 9Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 10Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 11Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 12Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 184 page
background image
ST10F269
2 - PIN DATA
9/184
P2.0 - P2.7
P2.8 - P2.15
47-54
57-64
I/O
16-bit bidirectional I/O port, bit-wise programmable for input or output via direction
bit. Programming an I/O pin as input forces the corresponding output driver to high
impedance state. Port 2 outputs can be configured as push-pull or open drain
drivers. The input threshold of Port 2 is selectable (TTL or special).
The following Port 2 pins have alternate functions:
47
I/O
P2.0
CC0IO
CAPCOM: CC0 Capture Input / Compare Output
...
...
...
...
...
54
I/O
P2.7
CC7IO
CAPCOM: CC7 Capture Input / Compare Output
57
I/O
P2.8
CC8IO
CAPCOM: CC8 Capture Input / Compare Output
I
EX0IN
Fast External Interrupt 0 Input
...
...
...
...
...
64
I/O
P2.15
CC15IO
CAPCOM: CC15 Capture Input / Compare Output
I
EX7IN
Fast External Interrupt 7 Input
I
T7IN
CAPCOM2 Timer T7 Count Input
P3.0 - P3.5
P3.6 - P3.13,
P3.15
65-70,
73-80,
81
I/O
I/O
I/O
15-bit (P3.14 is missing) bidirectional I/O port, bit-wise programmable for input or
output via direction bit. Programming an I/O pin as input forces the corresponding
output driver to high impedance state. Port 3 outputs can be configured as push-pull
or open drain drivers. The input threshold of Port 3 is selectable (TTL or special).
The following Port 3 pins have alternate functions:
65
I
P3.0
T0IN
CAPCOM Timer T0 Count Input
66
O
P3.1
T6OUT
GPT2 Timer T6 Toggle Latch Output
67
I
P3.2
CAPIN
GPT2 Register CAPREL Capture Input
68
O
P3.3
T3OUT
GPT1 Timer T3 Toggle Latch Output
69
I
P3.4
T3EUD
GPT1 Timer T3 External Up / Down Control Input
70
I
P3.5
T4IN
GPT1 Timer T4 Input for Count / Gate / Reload / Capture
73
I
P3.6
T3IN
GPT1 Timer T3 Count / Gate Input
74
I
P3.7
T2IN
GPT1 Timer T2 Input for Count / Gate / Reload / Capture
75
I/O
P3.8
MRST
SSC Master-Receiver / Slave-Transmitter I/O
76
I/O
P3.9
MTSR
SSC Master-Transmitter / Slave-Receiver O/I
77
O
P3.10
TxD0
ASC0 Clock / Data Output (Asynchronous /
Synchronous)
78
I/O
P3.11
RxD0
ASC0 Data Input (Asynchronous) or I/O (Synchronous)
79
O
P3.12
BHE
External Memory High Byte Enable Signal
WRH
External Memory High Byte Write Strobe
80
I/O
P3.13
SCLK
SSC Master Clock Output / Slave Clock Input
81
O
P3.15
CLKOUT
System Clock Output (=CPU Clock)
Symbol
Pin
Type
Function


Số phần tương tự - ST10F269Z1Q6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST10F269Z2Q3 STMICROELECTRONICS-ST10F269Z2Q3 Datasheet
1Mb / 161P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269Z2Q6 STMICROELECTRONICS-ST10F269Z2Q6 Datasheet
1Mb / 161P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
More results

Mô tả tương tự - ST10F269Z1Q6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
1Mb / 186P
   16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
   16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
   16-BIT MCU WITH 128K BYTE FLASH MEMORY
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
   16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
   16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F276 STMICROELECTRONICS-ST10F276_06 Datasheet
4Mb / 229P
   16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F280 STMICROELECTRONICS-ST10F280_12 Datasheet
2Mb / 239P
   16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com