công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA5647H bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện LA5647H
Giải thích chi tiết về linh kiện  Monolithic Linear IC For Car AV Equipment Multifunction Multi-Voltage Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5647H bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  LA5647H Datasheet HTML 1Page - Sanyo Semicon Device LA5647H Datasheet HTML 2Page - Sanyo Semicon Device LA5647H Datasheet HTML 3Page - Sanyo Semicon Device LA5647H Datasheet HTML 4Page - Sanyo Semicon Device LA5647H Datasheet HTML 5Page - Sanyo Semicon Device LA5647H Datasheet HTML 6Page - Sanyo Semicon Device LA5647H Datasheet HTML 7Page - Sanyo Semicon Device LA5647H Datasheet HTML 8Page - Sanyo Semicon Device LA5647H Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LA5647H
No.A0371-2/12
Recmmended Operating Condition at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
VDD5V output, normal operating mode
6 to 18
V
Supply voltage
VCC
COM10V output, normal operating mode
10.3 to 18
V
VST OFF
Output off, control voltage
0 to 1.5
V
Standby input voltage
VST ON
Output on, control voltage
3.5 to 5
V
VDD5V output current
IO1
0 to 50
mA
COM10V output current
IO2
Within the external transistor ASO
mA
COM8V output current
IO3
0 to 100
mA
TAPE8V output current
IO4
0 to 30
mA
RD8V output current
IO5
0 to 150
mA
FM8V output current
IO6
0 to 100
mA
ACC5V output current
IO7
0 to 100
mA
AMP+B output current
IO9
0 to 100
mA
ANT+B output current
IO10
0 to 100
mA
P1 (ILL) output current
IO11
0 to 10
mA
P2 (LCD) output current
IO12
0 to 10
mA
P3 (CAP MR) output current
IO13
0 to 10
mA
P4 (RSV) output current
IO14
0 to 10
mA
Electrical Characteristics at Ta
= 25°C, in the specified test circuit
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
No load state [VCC = 13.2V, each output IO = 0A]
Current drain 1
IQ1
VSTBY = 0V
200
250
μA
Current drain 2
IQ2
VSTBY = 5V
12
40
mA
VDD5V output [VCC = 13.2V, VSTBY = 0V, IO1 = 50mA]
Output voltage
VO1
4.75
5
5.25
V
Dropout voltage
VDROP1
VCC = 4.75V
1.0
1.4
V
Line regulation
ΔVOLN1
6.7V
≤ VCC ≤ 18V
10
30
mV
Load regulation
ΔVOLD
0
≤ IO1 ≤ 50mA
50
100
mV
Peak output current
IOP1
50
mA
Output shorted current
(for reference purposes)
IOSC1
100
mA
Ripple rejection
PREJ1
f = 120Hz, 7V
≤ VCC ≤ 18V
50
56
dB
Output pin leakage current
IOLEAK
VCC = 0V, VO = 6V
0.001
2
μA
Output voltage difference 1
ΔVODEF1
Between VDD5V and ACC5V,
(VO1-VO7) IO7 = 100mA
0
0.1
0.285
V
Reset block [VCC = 13.2V]
Reset threshold voltage
VRT
VRST OUT : Lo → Hi
1.21
1.25
1.30
V
Reset threshold hysteresis voltage
VRTH
25
50
80
mV
COM10V output [VCC = 13.2V, VSTBY = 5V, IO2 = 2A]
Output voltage
VO2
With an external 2SB921 Transistor
9.5
10
10.5
V
Dropout voltage
VDROP2
VCC = 9.5V
0.3
0.6
V
Line regulation
ΔVOLN2
11.2V
≤ VCC ≤ 18V
30
300
mV
Load regulation
ΔVOLD2
0
≤ IO2 ≤ 2A
200
800
mV
Control input current
ICONT
20
mA
Output off voltage
VO2 OFF
0.2
V
Ripple rejection
(for reference purposes)
RREJ2
CCN = 1μF, f = 120Hz,
11.2V
≤ VCC ≤ 18V
70
dB
Continued on next page.


Số phần tương tự - LA5647H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA5640N SANYO-LA5640N Datasheet
50Kb / 2P
   VOLTAGE REGULATOR FOR LCD
LA5643 SANYO-LA5643 Datasheet
287Kb / 6P
   LA5643
LA5645T SANYO-LA5645T Datasheet
40Kb / 5P
   LA5645T
More results

Mô tả tương tự - LA5647H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LV5694P SANYO-LV5694P Datasheet
310Kb / 13P
   Monolithic Linear IC For Car Audio Systems Multi-Power Supply System IC
LA5657H SANYO-LA5657H Datasheet
104Kb / 8P
   System Power Supply IC for Car AV Systems
LA5685N SANYO-LA5685N Datasheet
83Kb / 4P
   Multi-function,Multi-power supply IC for car radios
LA2352M SANYO-LA2352M Datasheet
172Kb / 5P
   Monolithic Linear IC For Car-LAN Transceiver IC
LV5696P SANYO-LV5696P Datasheet
190Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
   For Car Audio Systems Multi-Power Supply IC
LV5686PVC SANYO-LV5686PVC Datasheet
186Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV5686PVC ONSEMI-LV5686PVC Datasheet
188Kb / 14P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV56841PVD ONSEMI-LV56841PVD Datasheet
331Kb / 15P
   For Car Audio Systems Multi-Power Supply IC
August, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com