công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STAC9250D5TAEYY bảng dữ liệu(PDF) 9 Page - Integrated Device Technology

tên linh kiện STAC9250D5TAEYY
Giải thích chi tiết về linh kiện  TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9250D5TAEYY bảng dữ liệu(HTML) 9 Page - Integrated Device Technology

Back Button STAC9250D5TAEYY Datasheet HTML 5Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 6Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 7Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 8Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 9Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 10Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 11Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 12Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 137 page
background image
STAC9250/9251
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
9
STAC9250/9251
V 1.1 102706
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
1. DESCRIPTION
1.1.
Overview
The STAC9250/9251 are high fidelity, 2-channel audio CODECs compliant with the High Definition
Audio (HD Audio) specification defined by Intel. The STAC9250/9251 enables a two-chip audio and
modem implementation by integrating the “System Side” functionality of Silicon Labs’ modem solu-
tion. The STAC9250/9251 provides a direct interface to Silicon Labs’ “Line Side” integrated circuit.
This integration results in cost savings without sacrificing audio fidelity or modem functionality. The
STAC9251 also implements a direct interface to two digital microphones supporting advanced beam
forming applications resulting in increased quality of voice applications.
1.2.
Features
High-integration HD Audio Product
• 2-channel PC Audio CODEC
• Modem “System-side” functionality1
• Dual Digital Microphone interface (STAC9251)
Two-Channel DACs and ADCs with 24-bit sample resolution
• High performance
Σ∆ technology
• Sample rates up to 192 KHz
• 100dB DAC SNR
Integrated modem functionality from Silicon Labs1 supports reduced BOM costs
• Interfaces directly to Line Side integrated circuit from Silicon Labs
• Supports two-chip audio plus modem functionality
• Supports software modem implementations from Motorola and others compatible with the Sili-
con Labs chipset
• Supports motherboard implementations eliminating MDC card and connector costs
• Reduced board space
• Reduced external component count
Integrated Headphone Amps
Stereo Analog Microphone
• Supports Stereo Microphone
• Microphone Boost 0, 10, 20, 30, 40dB
Dual Digital Microphone Interface optimized for use with Akustica Digital Microphones.
(STAC9251 only)
S/PDIF In and Out
Universal Jacks™ Functionality for jack retasking
Adjustable VREF Out
Digital PC Beep to all outputs
48-pin LQFP Environmental Package
1. Modem functionality can only be used with a “Line Side” DAA integrated circuit, Si3080 or similar, available from Silicon Labs
(www.silabs.com).


Số phần tương tự - STAC9250D5TAEYY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Mô tả tương tự - STAC9250D5TAEYY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
STAC9204 IDT-STAC9204 Datasheet
2Mb / 213P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
92HD005 IDT-92HD005 Datasheet
2Mb / 205P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Samsung semiconductor
S5T8610 SAMSUNG-S5T8610 Datasheet
248Kb / 27P
   DIGITAL CLP MODEM WITH ADPCM CODEC
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Realtek Semiconductor C...
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com