công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STAC9751XXTAEYYX bảng dữ liệu(PDF) 10 Page - Integrated Device Technology

tên linh kiện STAC9751XXTAEYYX
Giải thích chi tiết về linh kiện  VALUE-LINE TWO-CHANNEL AC??7 CODECS
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9751XXTAEYYX bảng dữ liệu(HTML) 10 Page - Integrated Device Technology

Back Button STAC9751XXTAEYYX Datasheet HTML 6Page - Integrated Device Technology STAC9751XXTAEYYX Datasheet HTML 7Page - Integrated Device Technology STAC9751XXTAEYYX Datasheet HTML 8Page - Integrated Device Technology STAC9751XXTAEYYX Datasheet HTML 9Page - Integrated Device Technology STAC9751XXTAEYYX Datasheet HTML 10Page - Integrated Device Technology STAC9751XXTAEYYX Datasheet HTML 11Page - Integrated Device Technology STAC9751XXTAEYYX Datasheet HTML 12Page - Integrated Device Technology STAC9751XXTAEYYX Datasheet HTML 13Page - Integrated Device Technology STAC9751XXTAEYYX Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
10
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
2.1.4.
Revision Comparison
2.1.5.
AC-Link Static Digital Specifications
(Tambient = 25 ºC, DVdd = 3.3 V ± 5%, AVss=DVss=0 V; 50 pF external load)
CA3
CC1
% Of Savings
Analog
Digital
Analog
Digital
Analog
Digital
5 V
3.3 V
3.3 V
5 V
3.3 V
3.3 V
5 V
3.3 V
3.3 V
No PR
78
69
27
50
44
33
36%
36%
-22%
PR0
62
56
23
42
39
22
32%
30%
4%
PR1
63
52
24
41
38
28
35%
27%
-17%
PR2
48
42
27
32
29
12
33%
31%
56%
PR3
40
35
21
23
19
12
43%
46%
43%
PR4
76
68
1
50
44
0.2
34%
35%
80%
PR5
75
68
7.5
50
44
12
33%
35%
-60%
PR6
97
61
27
38
36
33
61%
41%
-22%
PR bit individually asserted. All PR measurements taken while unmuted.
Parameter
Symbol
Min
Typ
Max
Unit
Input Voltage Range
Vin
-0.30
-
DVdd + 0.30
V
Low level input range
Vil
-
-
0.35xDVdd
V
High level input voltage
Vih
0.65xDVdd
-
-
V
High level output voltage
Voh
0.90xDVdd
-
-
V
Low level output voltage
Vol
-
-
0.1xDVdd
V
Input Leakage Current (AC-Link inputs)
-
-10
-
10
µA
Output Leakage Current (AC-Link outputs - Hi-Z)
-
-10
-
10
µA
Output buffer drive current
-
-
4
-
mA


Số phần tương tự - STAC9751XXTAEYYX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
STAC9752 IDT-STAC9752 Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752AXNAEYYX IDT-STAC9752AXNAEYYX Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752AXTAEYYX IDT-STAC9752AXTAEYYX Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752XXTAEYYX IDT-STAC9752XXTAEYYX Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
More results

Mô tả tương tự - STAC9751XXTAEYYX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
STAC9766 IDT-STAC9766 Datasheet
438Kb / 97P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
STAC9752 IDT-STAC9752 Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
logo
Realtek Semiconductor C...
ALC203 REALTEK-ALC203 Datasheet
725Kb / 50P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC
logo
Integrated Device Techn...
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
logo
List of Unclassifed Man...
ALC250 ETC2-ALC250 Datasheet
619Kb / 46P
   TWO CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Realtek Semiconductor C...
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
ALC202 REALTEK-ALC202 Datasheet
590Kb / 42P
   REALTEK/AVANCE LOGIC, INC. TWO CHANNEL AC??7 AUDIO CODEC
logo
Winbond
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
    DUAL-CHANNEL VOICEBAND CODECS
W682510 WINBOND-W682510 Datasheet
1Mb / 35P
   DUAL-CHANNEL VOICEBAND CODECS
logo
Integrated Device Techn...
92HD66B IDT-92HD66B Datasheet
3Mb / 286P
   FOUR CHANNEL HD AUDIO CODECS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com