công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STAC9750XXTAEYYX bảng dữ liệu(PDF) 11 Page - Integrated Device Technology

tên linh kiện STAC9750XXTAEYYX
Giải thích chi tiết về linh kiện  VALUE-LINE TWO-CHANNEL AC??7 CODECS
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750XXTAEYYX bảng dữ liệu(HTML) 11 Page - Integrated Device Technology

Back Button STAC9750XXTAEYYX Datasheet HTML 7Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 8Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 9Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 10Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 11Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 12Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 13Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 14Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
11
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
2.1.6.
STAC9750 Analog Performance Characteristics
(Tambient = 25 ºC, AVdd = 5.0 V ± 5%, DVdd = 3.3 V ± 5%, AVss=DVss=0 V; 1 KHz input sine wave;
Sample Frequency = 48 KHz; 0dB = 1 Vrms, 10 K
Ω/ 50 pF load, Testbench Characterization BW:
20 Hz – 20 KHz, 0dB settings on all gain stages)
Parameter
Min
Typ
Max
Unit
Full Scale Input Voltage:
All Analog Inputs except Microphone
-
1.0
-
Vrms
Microphone Inputs (Note 1)
-
0.03
-
Vrms
Full Scale Output:
Line Output
-
1.0
-
Vrms
PCM (DAC) to LINE_OUT
-
1.0
Vrms
MONO_OUT
-
1.0
-
Vrms
HEADPHONE_OUT (32
Ω load) (peak)
-50-
mW
Analog S/N: (Note 2)
CD to LINE_OUT
-
90
-
dB
Other to LINE_OUT
-
90
-
dB
D/A to LINE_OUT
-
89
-
dB
LINE_IN to A/D with High pass filter enabled
-
85
-
dB
Analog Frequency Response (Note 3)
20
-
20,000
Hz
Total Harmonic Distortion: (Note 4)
CD to LINE_OUT
-
89
-
dB
Other to LINE_OUT
-
89
-
dB
D/A to LINE_OUT (full scale)
-
89
-
dB
LINE_IN to A/D with High pass filter enabled
84
-
-
dB
HEADPHONE_OUT
74
80
-
dB
A/D & D/A Digital Filter Pass Band (Note 5)
20
-
19,200
Hz
A/D & D/A Digital Filter Transition Band
19,200
-
28,800
Hz
A/D & D/A Digital Filter Stop Band
28,800
-
-
Hz
A/D & D/A Digital Filter Stop Band Rejection (Note 6)
100
-
-
dB
DAC Out-of-Band Rejection (Note 7)
55
-
-
dB
Group Delay (48KHz sample rate)
-
1
ms
Any Analog Input to LINE_OUT Crosstalk (10 KHz Signal Frequency)
-
70
-
dB
Any Analog Input to LINE_OUT Crosstalk (1 KHz Signal Frequency)
-
100
-
dB
Spurious Tone Rejection
-
100
-
dB
Attenuation, Gain Step Size
-
1.5
-
dB
Input Impedance (Note 8)
-
50
-
K
Input Capacitance
-
15
-
pF
VREF_OUT
-
0.5 X AVdd
-
V


Số phần tương tự - STAC9750XXTAEYYX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
STAC9752 IDT-STAC9752 Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752AXNAEYYX IDT-STAC9752AXNAEYYX Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752AXTAEYYX IDT-STAC9752AXTAEYYX Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752XXTAEYYX IDT-STAC9752XXTAEYYX Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
More results

Mô tả tương tự - STAC9750XXTAEYYX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
STAC9766 IDT-STAC9766 Datasheet
438Kb / 97P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
STAC9752 IDT-STAC9752 Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
logo
Realtek Semiconductor C...
ALC203 REALTEK-ALC203 Datasheet
725Kb / 50P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC
logo
Integrated Device Techn...
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
logo
List of Unclassifed Man...
ALC250 ETC2-ALC250 Datasheet
619Kb / 46P
   TWO CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Realtek Semiconductor C...
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
ALC202 REALTEK-ALC202 Datasheet
590Kb / 42P
   REALTEK/AVANCE LOGIC, INC. TWO CHANNEL AC??7 AUDIO CODEC
logo
Winbond
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
    DUAL-CHANNEL VOICEBAND CODECS
W682510 WINBOND-W682510 Datasheet
1Mb / 35P
   DUAL-CHANNEL VOICEBAND CODECS
logo
Integrated Device Techn...
92HD66B IDT-92HD66B Datasheet
3Mb / 286P
   FOUR CHANNEL HD AUDIO CODECS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com