công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STAC9200D5NAE bảng dữ liệu(PDF) 11 Page - Integrated Device Technology

tên linh kiện STAC9200D5NAE
Giải thích chi tiết về linh kiện  2-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9200D5NAE bảng dữ liệu(HTML) 11 Page - Integrated Device Technology

Back Button STAC9200D5NAE Datasheet HTML 7Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 8Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 9Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 10Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 11Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 12Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 13Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 14Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 126 page
background image
STAC9200/9200D
2-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC
11
STAC9200/9200D
V 1.4 12/06
IDT CONFIDENTIAL
1. DESCRIPTION
The STAC9200/9200D is a high quality, 2-channel audio CODEC compatible with the Intel High Definition (HD)
Audio Interface (formerly known as “Azalia”). The STAC9200/9200D provides high quality, HD Audio capability
to notebook and cost sensitive desktop PC applications. The STAC9200/9200D has been designed as a
drop-in replacement for the STAC9772/73 Dual Mode (HD Audio and AC97) 2-channel CODEC once the need
to support AC97 is eliminated.
The STAC9200/9200D incorporates IDT's proprietary SD technology to achieve a DAC SNR in excess of
100dB. The higher performance and quality of IDT’s audio solutions brings consumer device level performance
to the notebook, desktop and media center PCs.
The STAC9200/9200D provides Stereo 24-Bit, full duplex resolution supporting sample rates up to 192 KHz by
the DAC and ADC. The STAC9200/9200D DAC, ADC and SPDIF In/Out support sample rates of 96 KHz,
48 KHz and 44.1 KHz. Additionally, the SPDIF Out supports 32 KHz. The CODEC’s driver supports additional
sample rate options.
The STAC9200/9200D supports all desired two channel configurations, including switchable Headphone Out,
and Universal JacksTM functionality for automatic jack detection sensing and retasking. The SPDIF interface
provides connectivity to Consumer Electronic equipment like Dolby Digital decoders, powered speakers, mini
disk drives or to a home entertainment system. All analog I/O pairs support LINE_IN, LINE_OUT and MIC.
MIC inputs can be programmed with 0/10/20/30/40dB boost.
For more advanced configurations, the
STAC9200/9200D has four General Purpose I/O (GPIO) pins. The STAC9200/9200D also provides a single
ended CD input to avoid DRM incompatibility and to support legacy OS issues.
The STAC9200/9200D integrates a headphone amplifier which is available on Ports A and D. The headphone
amplifier is switchable between these two outputs for increased flexibility, enhanced user experience, and
reduced implementation costs.
The Universal Jack capabilities allow the CODEC to detect when audio devices are connected to the CODEC,
sense the type of device (LINE_IN, LINE_OUT, MIC, Headphone) that is inserted, and to allow the CODEC to
be reconfigured to support these devices wherever they are plugged into the system. SPDIF input sensing is
also supported. The fully parametric IDT SoftEQ can be initiated upon headphone jack insertion and removal
for protection of notebook speakers.
The STAC9200/9200D operates with a 3.3V digital supply and is available in either 5V, 4V or 3.3V analog sup-
ply. The +4V Analog voltage is supported by the +5V version of the STAC9200 or STAC9200D appropriate
configuration settings of the driver.
The STAC9200/9200D is available in 48-pin LQFP and 32-pad QFN package options. The 32-pad QFN pack-
age can be co-located inside the standard 48-pin footprint allowing systems to be designed to accept either
version of the STAC9200/9200D or be compatible with existing 48-pin CODECs. Both the 48-pin LQFP and the
32-pad QFN are available in the ROHS compliant Lead (Pb) free package.
The STAC9200/9200D is supported with IDT’s high quality software solutions which include drivers for all
major Windows operating systems from Microsoft Parametric SoftEQ, and Digital Rights Management. Third
party plugin capability is easily achieved with the IDT Kernel Processing Interface, to support high valued third
party technologies like SRS WOW®, Knowles® Microphone Beam forming, Waves MaxxBASS®, Dolby Head-
phone®, Dolby ProLogic II® and Dolby Virtual Speaker® and more.
The STAC9200D is designed to support Dolby Sound Room and Dolby Home Theater levels of Dolby’s PC
Entertainments Experience logo program.


Số phần tương tự - STAC9200D5NAE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
More results

Mô tả tương tự - STAC9200D5NAE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Realtek Semiconductor C...
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Integrated Device Techn...
92HD001 IDT-92HD001 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC260 REALTEK-ALC260 Datasheet
1Mb / 79P
   2 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888T-GR REALTEK-ALC888T-GR Datasheet
1Mb / 79P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC883-GR REALTEK-ALC883-GR Datasheet
1,003Kb / 78P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-GR REALTEK-ALC888S-GR Datasheet
1Mb / 84P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com