công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W0603HT-01-100R-G bảng dữ liệu(PDF) 1 Page - Welwyn Components Limited |
|
W0603HT-01-100R-G bảng dữ liệu(HTML) 1 Page - Welwyn Components Limited |
1 / 2 page Welwyn Components General Note Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn’s own data and is considered accurate at time of going to print. A subsidiary of TT electronics plc © Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com PFC Hi Temp Series Issue June 2006 Non-leaching Nickel barrier Wrap around termination Ultra stable Tantalum Nitride resistor film system High Temperature TaNFilm® Chip Resistors PFC HT Series • Available in industry standard 0603, 0805 and 1206 chip sizes • Gold and 100% tin (Pb-free) terminations available • Self-passivating TaNFilm® element • Absolute TCR to ±25ppm/°C Physical Data L a W H b TOP SIDE BOTTOM L W H a b W0603 1.60±0.1 0.79 ±0.1 0.51 ±0.1 0.30±0.13 0.38±0.13 W0805 2.06±0.13 1.27±0.13 0.51±0.1 0.41±0.20 0.41±0.20 W1206 3.20±0.15 1.60±0.13 0.61±0.1 0.64±0.25 0.64±0.25 Electrical Data Model Ohmic Range Absolute TCR Rated Power Rated Voltage (not to exceed rated power) Temperature Range Termination Substrate W0603HT 10W to 10KW ±100ppm/°C 0.0625W 33.3V -55°C to 200°C Gold and 100% tin (Pb-free) 99.5% Alumina 25W to 10KW ±50ppm/°C 50W to 10KW ±25ppm/°C W0805HT 10W to 20KW ±100ppm/°C 0.100W 50V 25W to 20KW ±50ppm/°C 50W to 20KW ±25ppm/°C W1206HT 5W to 85KW ±100ppm/°C 0.125W 100V 25W to 85KW ±50ppm/°C 50W to 85KW ±25ppm/°C |
Số phần tương tự - W0603HT-01-100R-G |
|
Mô tả tương tự - W0603HT-01-100R-G |