công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAU1401 bảng dữ liệu(PDF) 9 Page - Analog Devices |
|
ADAU1401 bảng dữ liệu(HTML) 9 Page - Analog Devices |
9 / 52 page ADAU1401 Rev. 0 | Page 9 of 52 ABSOLUTE MAXIMUM RATINGS Table 9. Parameter Rating DVDD to GND 0 V to 2.2 V AVDD to GND 0 V to 4.0 V IOVDD to GND 0 V to 4.0 V Digital Inputs DGND − 0.3 V, IOVDD + 0.3 V Maximum Junction Temperature 135°C Storage Temperature Range −65°C to +150°C Soldering (10 sec) 300°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 10. Thermal Resistance Package Type θJA θJC Unit 48-Lead LQFP 72 19.5 °C/W ESD CAUTION |
Số phần tương tự - ADAU1401 |
|
Mô tả tương tự - ADAU1401 |