công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FM1 bảng dữ liệu(PDF) 1 Page - Welwyn Components Limited

tên linh kiện FM1
Giải thích chi tiết về linh kiện  Fusible Metal Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WELWYN [Welwyn Components Limited]
Trang chủ  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

FM1 bảng dữ liệu(HTML) 1 Page - Welwyn Components Limited

  FM1 Datasheet HTML 1Page - Welwyn Components Limited FM1 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fusible Metal Film
Resistors
FM Series
Predictable fusing characteristics
Flameproof protection
FM1/4
FM1/2
FM1
0
.
1
5
.
0
5
2
.
0
s
t
t
a
w
C
˚
0
7
t
a
g
n
i
t
a
r
r
e
w
o
P
5
K
1
-
2
R
0
K
7
2
-
1
R
0
K
0
1
-
1
R
0
s
m
h
o
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
0
5
3
0
5
3
0
5
2
s
t
l
o
v
e
g
a
t
l
o
v
t
n
e
m
e
l
e
g
n
i
t
i
m
i
L
0
5
2
C
˚
/
m
p
p
R
C
T
5
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
Standard values
E24 preferred
0
0
1
0
2
1
0
5
1
t
t
a
w
/
C
˚
e
c
n
a
d
e
p
m
i
l
a
m
r
e
h
T
5
5
1
o
t
5
5
-
C
˚
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
164
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
bend
Type
L max
D max
f min
d nom
centres
radius
Wt. nom
FM1/4
6.2
2.3
21.0
0.6
10.2
0.6
0.3
FM1/2
9.0
3.4
19.6
0.8
12.7
1.2
0.6
FM1
12.5
4.2
17.8
0.8
18.4
1.2
0.9
Physical Data
L
D
f
d
Construction
The metal film is deposited on a high purity ceramic rod. End
caps are force fitted and termination wires welded to the
caps. The resistive film is adjusted to the required value by a
special helical cut; finally the cement protection is applied to
the resistor body and marked with indelible ink.
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21.
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2.
Marking
Resistors are colour coded with five bands. Four of the bands
are used to indicate value and tolerance, with IEC 62 colours
being used. A fifth yellow band denotes constant voltage
fusibility.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Flammability
The resistors will not burn or emit incandescent particles
under any condition of applied temperature or power
overload.
2.5
Issue C · 01.07


Số phần tương tự - FM1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FM100 ETC2-FM100 Datasheet
35Kb / 2P
   External dimensions 1
logo
RFE international
FM100 RFE-FM100 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
Extech Instruments Corp...
FM100 EXTECH-FM100 Datasheet
300Kb / 1P
   Formaldehyde (CH2O or HCHO) Monitor
logo
SHENZHEN FUMAN ELECTRON...
FM100 FUMAN-FM100 Datasheet
292Kb / 9P
   Fast charging interface IC
logo
RFE international
FM100 RFE-FM100 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
More results

Mô tả tương tự - FM1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Riedon Powertron
MFFS-1 RIEDON-MFFS-1 Datasheet
45Kb / 1P
   Metal Film, Fusible Resistors
logo
Welwyn Components Limit...
FA8025 WELWYN-FA8025 Datasheet
117Kb / 2P
   Fusible Metal Film Resistors
logo
UNIOHM CORPORATION
FR-25 UNIOHM-FR-25 Datasheet
1Mb / 1P
   Fusible Metal Film Resistors
logo
Vishay Siliconix
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
   Metal Film, Cylindrical, Fusible Resistors
Revision 24-Jun-02
NMM0207SI VISHAY-NMM0207SI_08 Datasheet
278Kb / 4P
   Metal Film, Cylindrical, Fusible Resistors
Revision: 15-Feb-06
logo
Welwyn Components Limit...
WFF WELWYN-WFF Datasheet
90Kb / 3P
   Fast Fusible Metal Film Resistors
logo
Vishay Siliconix
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JA500 VISHAY-NFR25H0004707JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
logo
TT Electronics.
EMC TTELEC-EMC Datasheet
518Kb / 4P
   Pulse Withstanding Fusible Flameproof Metal Film Resistors
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com