công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UZZ9001 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện UZZ9001
Giải thích chi tiết về linh kiện  Sensor Conditioning Electronic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UZZ9001 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  UZZ9001 Datasheet HTML 1Page - NXP Semiconductors UZZ9001 Datasheet HTML 2Page - NXP Semiconductors UZZ9001 Datasheet HTML 3Page - NXP Semiconductors UZZ9001 Datasheet HTML 4Page - NXP Semiconductors UZZ9001 Datasheet HTML 5Page - NXP Semiconductors UZZ9001 Datasheet HTML 6Page - NXP Semiconductors UZZ9001 Datasheet HTML 7Page - NXP Semiconductors UZZ9001 Datasheet HTML 8Page - NXP Semiconductors UZZ9001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2000 Nov 27
2
Philips Semiconductors
Product specification
Sensor Conditioning Electronic
UZZ9001
FEATURES
• One chip angle sensor output signal conditioning
• 180° angle range with KMZ41
• Accuracy better than 1° together with KMZ41
• Temperature range from −40 to +150 °C
• SPI protocol
• SO24 package.
GENERAL DESCRIPTION
The UZZ9001 is an integrated circuit that combines two
sinusoidal signals (sine and cosine) into one single linear
output signal. These signals might come from the
magnetoresistive sensor KMZ41. This results in a
measurement system for angles up to 180
°. The
integrated circuit UZZ9001 can also be used for all other
applications in which an angle has to be calculated from a
sine and cosine signal. A typical application would be any
kind of resolver application.
The two input signals are converted into the digital domain
with two separate AD converters. A CORDIC algorithm
performs the inverse tangent transformation. The output
stage implements the Motorola Serial Peripheral Interface
(SPI) protocol.
PINNING
Notes
1. Connected to ground.
2. Pin to be left unconnected.
SYMBOL
PIN
DESCRIPTION
+VO2
1
sensor 2 positive differential input
+VO1
2
sensor 1 positive differential input
VDD2
3
digital supply voltage
VSS
4
digital ground
GND
5
analog ground
RST
6
reset of the digital part; note 1
TEST1
7
for production test; note 1
TEST2
8
note 2
DATA_CLK
9
trim-mode data-clock; note 1
SMODE
10
serial mode programmer; note 1
TEST3
11
note 2
data
12
SPI data output
CLK
13
SPI data clock in
CS
14
SPI chip select
OFFS2
15
offset trimming input sensor 2
OFFS1
16
offset trimming input sensor 1
VDDA
17
analog supply voltage
GND
18
analog ground
TEST4
19
for production test; note 1
TEST5
20
for production test; note 1
VDD1
21
digital supply voltage
Tout
22
test output
−VO2
23
sensor 2 negative differential input
−V
O1
24
sensor 1 negative differential input
QUICK REFERENCE DATA
Note
1. VDDA, VDD1 and VDD2 must be connected to the same supply voltage.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
supply voltage
note 1
4.5
5
5.5
V
VDD1
supply voltage
note 1
4.5
5
5.5
V
VDD2
supply voltage
note 1
4.5
5
5.5
V
ICCtot
total supply current
no output load
515
mA
Res
resolution
13
bit
A
accuracy
with ideal input signal
±0.35
−−
deg
Idata-out
peak output current
−−
10
mA


Số phần tương tự - UZZ9001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
UZZ9000 PHILIPS-UZZ9000 Datasheet
56Kb / 8P
   Sensor Conditioning Electronics
1998 May 18
More results

Mô tả tương tự - UZZ9001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
UZZ9000 PHILIPS-UZZ9000 Datasheet
56Kb / 8P
   Sensor Conditioning Electronics
1998 May 18
logo
Texas Instruments
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
TPIC83000-Q1 TI-TPIC83000-Q1 Datasheet
330Kb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
logo
EPCOS
B57500M0103A005 EPCOS-B57500M0103A005 Datasheet
61Kb / 3P
   Air sensor for air conditioning
logo
STMicroelectronics
AN4451 STMICROELECTRONICS-AN4451 Datasheet
355Kb / 15P
   Signal conditioning for a UV sensor
logo
EPCOS
B57500K0103A001 EPCOS-B57500K0103A001 Datasheet
62Kb / 3P
   Evaporator sensor for air conditioning systems
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com