công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM358 bảng dữ liệu(PDF) 10 Page - ON Semiconductor |
|
LM358 bảng dữ liệu(HTML) 10 Page - ON Semiconductor |
10 / 14 page LM358, LM258, LM2904, LM2904A, LM2904V, NCV2904 http://onsemi.com 10 ORDERING INFORMATION Device Operating Temperature Range Package Shipping† LM358D SOIC−8 98 Units/Rail LM358DR2 SOIC−8 2500 Tape & Reel LM358DR2G SOIC−8 (Pb−Free) 2500 Tape & Reel LM358DMR2 0 °C to +70°C Micro8 4000 Tape & Reel LM358DMR2G 0 °Cto +70°C Micro8 (Pb−Free) 4000 Tape & Reel LM358N PDIP−8 50 Units/Rail LM358NG PDIP−8 (Pb−Free) 50 Units/Rail LM258D SOIC−8 98 Units/Rail LM258DR2 SOIC−8 2500 Tape & Reel LM258DR2G −25 °C to +85°C SOIC−8 (Pb−Free) 2500 Tape & Reel LM258DMR2 Micro8 4000 Tape & Reel LM258N PDIP−8 50 Units/Rail LM2904D SOIC−8 98 Units/Rail LM2904DR2 SOIC−8 2500 Tape & Reel LM2904DR2G SOIC−8 (Pb−Free) 2500 Tape & Reel LM2904DMR2 40 °C to +105°C Micro8 2500 Tape & Reel LM2904DMR2G −40 °C to +105°C Micro8 (Pb−Free) 2500 Tape & Reel LM2904N PDIP−8 50 Units/Rail LM2904ADMR2 Micro8 4000 Tape & Reel LM2904AN PDIP−8 50 Units/Rail LM2904VD SOIC−8 98 Units/Rail LM2904VDG SOIC−8 (Pb−Free) 98 Units/Rail LM2904VDR2 SOIC−8 2500 Tape & Reel LM2904VDMR2 −40 °C to +125°C Micro8 4000 Tape & Reel LM2904VN PDIP−8 50 Units/Rail NCV2904DR2* SOIC−8 2500 Tape & Reel NCV2904DMR2* Micro8 4000 Tape & Reel *NCV2904 is qualified for automotive use. †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Số phần tương tự - LM358 |
|
Mô tả tương tự - LM358 |