công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDS-9200300 bảng dữ liệu(PDF) 6 Page - Agilent(Hewlett-Packard)

tên linh kiện HEDS-9200300
Giải thích chi tiết về linh kiện  Two Channel High Resolution Optical Incremental Encoder Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-9200300 bảng dữ liệu(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HEDS-9200300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Gap Setting for Rotary
and Linear Modules
Gap is the distance between the
image side of the codewheel and
the detector surface of the mod-
ule. This gap dimension must
always be met and codewheel
warp and shaft end play must stay
within this range. This dimension
is shown in Figure 1.
Mounting Considerations
for Rotary Modules
Figure 2 shows a mounting
tolerance requirement for proper
operation of the high resolution
rotary encoder modules. The
Aligning Recess Centers must be
located within a tolerance circle
of 0.13 mm (0.005 in.) radius
from the nominal locations. This
tolerance must be maintained
whether the module is mounted
with side A as the mounting plane
using aligning pins (see Figure 3),
or mounted with Side B as the
mounting plane using an
alignment tool.
Mounting with Aligning
Pins
The high resolution rotary
encoder modules can be mounted
using aligning pins on the motor
base. (Agilent does not provide
aligning pins.) For this configu-
ration, Side A must be used as the
mounting plane. The Aligning
Recess Centers must be located
within the 0.13 mm (0.005 in.) R
Tolerance Circle as explained
above. Figure 3 shows the
necessary dimensions.
Mounting with
Alignment Tools
Agilent offers alignment tools for
mounting Agilent encoder
modules in conjunction with
Agilent codewheels, using side B
as the mounting plane. Please
refer to the Agilent codewheel
data sheet for more information.
Figure 2. Rotary Module Mounting Tolerance.
Figure 3. Mounting Plane Side A.
Figure 1. Module Gap Setting.
6.63
+0.51
-0.25 0.261
+0.020
-0.010
()
NOTE 1
3.56
+0.25
-0.51 0.140
+0.010
-0.020
()
NOTE 1
SIDE B
SIDE A
IMAGE SIDE OF CODEWHEEL/CODESTRIP
CODEWHEEL/CODESTRIP
NOTES: 1. THESE DIMENSIONS INCLUDE CODEWHEEL/CODESTRIP WARP AND SHAFT END PLAY.
2. DIMENSIONS IN MILLIMETERS AND (INCHES).
NOTE 1: RECOMMENDED MOUNTING SCREW TORQUE IS 4 KG-CM (3.5 IN-LBS).
2 PLACES
NOTE 1


Số phần tương tự - HEDS-9200300

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9200 AVAGO-HEDS-9200 Datasheet
112Kb / 4P
   Motion Sensing Products, Optical Encoder Modules
More results

Mô tả tương tự - HEDS-9200300

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDT-9000 AVAGO-HEDT-9000 Datasheet
215Kb / 7P
   High Temperature 125째C Two Channel Optical Incremental Encoder Modules
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDT-9000 HP-HEDT-9000 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com