công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSA5512M bảng dữ liệu(PDF) 6 Page - NXP Semiconductors |
|
TSA5512M bảng dữ liệu(HTML) 6 Page - NXP Semiconductors |
6 / 20 page October 1992 6 Philips Semiconductors Product specification 1.3 GHz Bidirectional I2C-bus controlled synthesizer TSA5512 PINNING FUNCTIONAL DESCRIPTION The TSA5512 is controlled via the two-wire I2C-bus. For programming, there is one module address (7 bits) and the R/W bit for selecting READ or WRITE mode. WRITE mode: R/W = 0 (see Table 1) After the address transmission (first byte), data bytes can be sent to the device. Four data bytes are required to fully program the TSA5512. The bus transceiver has an auto-increment facility which permits the programming of the TSA5512 within one single transmission (address + 4 data bytes). The TSA5512 can also be partially programmed on the condition that the first data byte following the address is byte 2 or byte 4. The meaning of the bits in the data bytes is given in Table 1. The first bit of the first data byte transmitted indicates whether frequency data (first bit = 0) or charge pump and port information (first bit = 1) will follow. Until an I2C-bus STOP condition is sent by the controller, additional data bytes can be entered without the need to re-address the device. This allows a smooth frequency sweep for fine tuning or AFC purpose. At power-on the ports are set to the high impedance state. The 7.8125 kHz reference frequency is obtained by dividing the output of the 4 MHz crystal oscillator by 512. Because the input of UHF/VHF signal is first divided by 8 the step size is 62.5 kHz. A 3.2 MHz crystal can offer step sizes of 50 kHz. SYMBOL PIN DESCRIPTION SOT102 SOT109 SOT163 SOT266 PD 1 1 1 charge-pump output Q1 2 2 2 crystal oscillator input 1 Q2 3 3 3 crystal oscillator reference voltage n.c. −− 4 not connected SDA 4 4 5 serial data input/output SCL 5 5 6 serial clock input P7 6 6 7 port output/input (general purpose) n.c. −− 8 not connected P6 7 7 9 port output/input for general purpose ADC P5 8 8 10 port output/input (general purpose) P4 9 9 11 port output/input (general purpose) P3 10 10 12 port output/input for address selection P2 11 11 13 port output P1 12 − 14 port output P0 13 − 15 port output VCC 14 12 16 voltage supply RFIN1 15 13 17 UHF/VHF signal input 1 RFIN2 16 14 18 UHF/VHF signal input 2 (decoupled) VEE 17 15 19 ground UD 18 16 20 drive output |
Số phần tương tự - TSA5512M |
|
Mô tả tương tự - TSA5512M |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |