công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSA5515T bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện TSA5515T
Giải thích chi tiết về linh kiện  1.3 GHz bi-directional I2C-bus controlled synthesizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5515T bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button TSA5515T Datasheet HTML 3Page - NXP Semiconductors TSA5515T Datasheet HTML 4Page - NXP Semiconductors TSA5515T Datasheet HTML 5Page - NXP Semiconductors TSA5515T Datasheet HTML 6Page - NXP Semiconductors TSA5515T Datasheet HTML 7Page - NXP Semiconductors TSA5515T Datasheet HTML 8Page - NXP Semiconductors TSA5515T Datasheet HTML 9Page - NXP Semiconductors TSA5515T Datasheet HTML 10Page - NXP Semiconductors TSA5515T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
November 1991
7
Philips Semiconductors
Product specification
1.3 GHz bi-directional I2C-bus controlled synthesizer
TSA5515T
READ mode:
R/W = 1 (see Table 2)
Data can be read out of the TSA5515T by setting the R/W
bit to 1. After the slave address has been recognized, the
TSA5515T generates an acknowledge pulse and the first
data byte (status word) is transferred on the SDA line
(MSB first). Data is valid on the SDA line during a high
position of the SCL clock signal.
A second data byte can be read out of the TSA5515T if the
processor generates an acknowledge on the SDA line.
End of transmission will occur if no acknowledge from the
processor occurs. The TSA5515T will then release the
data line to allow the processor to generate a STOP
condition.
The POR flag (power-on-reset) is set to 1 when VCC goes
below 3 V and at power-on. It is reset when an end of data
is detected by the TSA5515T (end of a READ sequence).
Control of the loop is made possible with the in-lock flag
FL, which indicates (FL = 1) when the loop is
phase-locked.
Table 2
Read data format
Notes
1. POR
power-on-reset flag. (POR = 1 on power-on)
2. FL
in-lock flag (FL = 1 when the loop is phase-locked).
MSB is transmitted first.
Address selection (see Table 3)
The module address contains programmable address bits (MA1 and MA0), which offer the possibility of having several
synthesizers (up to 4) in one system. The relationship between MA1 and MA0 and the input voltage on AS input is given
in Table 3.
Table 3
Address selection
MSB
LSB
Address
11000
MA1
MA0
1
A
byte 1
Status byte
POR
FL
111111
byte 2
MA1
MA0
Voltage applied on AS pin
0
0
0 to 0.1 VCC
0
1
open
1
0
0.4 to 0.6 VCC
1
1
0.9 VCC to VCC


Số phần tương tự - TSA5515T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511AT PHILIPS-TSA5511AT Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511T PHILIPS-TSA5511T Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512AT PHILIPS-TSA5512AT Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
More results

Mô tả tương tự - TSA5515T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5520 PHILIPS-TSA5520 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
logo
Zarlink Semiconductor I...
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
   1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
logo
NXP Semiconductors
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com