công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSA5514T bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện TSA5514T
Giải thích chi tiết về linh kiện  1.3 GHz bidirectional I2C-bus controlled synthesizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5514T bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button TSA5514T Datasheet HTML 2Page - NXP Semiconductors TSA5514T Datasheet HTML 3Page - NXP Semiconductors TSA5514T Datasheet HTML 4Page - NXP Semiconductors TSA5514T Datasheet HTML 5Page - NXP Semiconductors TSA5514T Datasheet HTML 6Page - NXP Semiconductors TSA5514T Datasheet HTML 7Page - NXP Semiconductors TSA5514T Datasheet HTML 8Page - NXP Semiconductors TSA5514T Datasheet HTML 9Page - NXP Semiconductors TSA5514T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
October 1992
6
Philips Semiconductors
Product specification
1.3 GHz bidirectional I2C-bus controlled synthesizer
TSA5514
FUNCTIONAL DESCRIPTION
The TSA5514 is controlled via the two-wire I2C-bus. For
programming, there is one module address (7 bits) and the
R/W bit for selecting READ or WRITE mode.
WRITE mode: R/W = 0 (see Table 1)
After the address transmission (first byte), data bytes can
be sent to the device. Four data bytes are required to fully
program the TSA5514. The bus transceiver has an
auto-increment facility which permits the programming of
the TSA5514 within one single transmission
(address + 4 data bytes).
The TSA5514 can also be partially programmed on the
condition that the first data byte following the address is
byte 2 or byte 4. The meaning of the bits in the data bytes
is given in Table 1. The first bit of the first data byte
transmitted indicates whether frequency data (first bit = 0)
or charge pump and port information (first bit = 1) will
follow. Until an I2C-bus STOP condition is sent by the
controller, additional data bytes can be entered without the
need to re-address the device. This allows a smooth
frequency sweep for fine tuning or AFC purpose. At
power-on the ports are set to the high impedance state.
The 7.8125 kHz reference frequency is obtained by
dividing the output of the 4 MHz crystal oscillator by 512.
Because the input of UHF/VHF signal is first divided by 8
the step size is 62.5 kHz. A 3.2 MHz crystal can offer step
sizes of 50 kHz.
Table 1
Write data format
Note to Table 1
Note
1. x = don’t care
MSB
LSB
Address
11000
MA1
MA0
0
A
byte 1
Programmable divider
0
N14
N13
N12
N11
N10
N9
N8
A
byte 2
Programmable divider
N7
N6
N5
N4
N3
N2
N1
N0
A
byte 3
Charge-pump and test bits
1
CP
T1
T0
x
x
x
OS
A
byte 4
Output ports control bits
P7
P6
P5
P4
x
P2
P1*
P0*
A
byte 5
*
Not valid for TSA5514T
MA1, MA0
programmable address bits (see Table 4)
A
acknowledge bit
N14 to N0
programmable divider bits
N = N14
× 214 + N13 × 213 +... + N1 × 21 +N0
CP
charge-pump current
CP = 0
50
µA
CP = 1
220
µA
P7 to P0 = 1
open-collector output is active
P7 to P0 = 0
outputs are in high impedance state
T1, T0, OS = 0 0 0
normal operation
T1 = 1
P6 = fref,P7=fDIV
T0 = 1
3-state charge-pump
OS = 1
operational amplifier output is switched off (varicap drive disable)


Số phần tương tự - TSA5514T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511AT PHILIPS-TSA5511AT Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511T PHILIPS-TSA5511T Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512AT PHILIPS-TSA5512AT Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
More results

Mô tả tương tự - TSA5514T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5520 PHILIPS-TSA5520 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
logo
Siemens Semiconductor G...
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
   1.3 GHZ PLL WITH I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com