công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM320Z bảng dữ liệu(PDF) 4 Page - Seoul Semiconductor |
|
LM320Z bảng dữ liệu(HTML) 4 Page - Seoul Semiconductor |
4 / 12 page Rev. 00 Rev. 00 December 2007 December 2007 www.ZLED.com www.ZLED.com <080924> Rev. 0.2 Document No. : SSC-QP-7-07-24 (Rev.00) 2. Absolute Maximum Ratings ( Ta = 25ºC ) mW 125 P D Power Dissipation V 5 V R Reverse Voltage ºC 260ºC for 10seconds [2] T s Solder Temperature ºC -30 ~ 85 T opr Operating Temperature mA 100 I FP [1] Forward Peak Pulse Current ºC -40 ~ 100 T stg Storage Temperature mA 30 I F DC Forward Current Unit Value Symbol Item Notes : [1] t ≤ 0.1ms, D = 1/10 [2] No lower than 3mm from the base of the epoxy bulb. 3. Electro-Optical Characteristics ( Ta = 25ºC, IF=20mA ) 536 525 V 4.0 3.6 - V F Forward Voltage [6] 70 / 40 deg. 2 θ ½ View Angle nm 519 λ d Dominant Wavelength[5] 5 - 2000 1300 700 µA - I R Reverse Current (at V R = 5V) Max. Typ. Min. mcd I V [4] Luminous Intensity [3] Unit Value Symbol Item Notes : [3] SSC maintains a tolerance of ±10% on intensity and power measurements. [4] I V is the luminous intensity output as measured with a cylinder. [5] Dominant wavelength is derived from the CIE 1931 Chromaticity diagram. A tolerance of ±0.5nm for dominant wavelength. [6] A tolerance of ±0.05V on forward voltage measurements |
Số phần tương tự - LM320Z |
|
Mô tả tương tự - LM320Z |