công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSA5059T bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện TSA5059T
Giải thích chi tiết về linh kiện  2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5059T bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button TSA5059T Datasheet HTML 7Page - NXP Semiconductors TSA5059T Datasheet HTML 8Page - NXP Semiconductors TSA5059T Datasheet HTML 9Page - NXP Semiconductors TSA5059T Datasheet HTML 10Page - NXP Semiconductors TSA5059T Datasheet HTML 11Page - NXP Semiconductors TSA5059T Datasheet HTML 12Page - NXP Semiconductors TSA5059T Datasheet HTML 13Page - NXP Semiconductors TSA5059T Datasheet HTML 14Page - NXP Semiconductors TSA5059T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1999 Oct 05
11
Philips Semiconductors
Preliminary specification
2.7 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5059
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); note 1.
Note
1. Maximum ratings cannot be exceeded, not even momentarily without causing irreversible IC damage. Maximum
ratings cannot be accumulated.
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be completely safe, it is
desirable to take normal precautions appropriate to handling integrated circuits.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.3
+6.0
V
V(n)
voltage on pins
CP, XTAL, XT/COMP, AS, P0, P1,
P2, P3, ADC, RFA and RFB
−0.3
VCC + 0.3
V
SCL and SDA
−0.3
+6.0
V
VT
−0.3
+35
V
IO(SDA)
serial data output current
−1.0
+10.0
mA
IO(Px)
P0, P1, P2 and P3 output current
port switched on
−1.0
+20.0
mA
IO(ΣPx)
sum of currents in P0, P1, P2 and P3
50.0
mA
Tamb
ambient temperature
−20
+85
°C
Tstg
storage temperature
−40
+150
°C
Tj(max)
maximum junction temperature
150
°C
tsc
short-circuit time
each pin to VCC or GND
10
s
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
TSA5059T (SOT109-1; SO16)
115
K/W
TSA5059TS (SOT369-1; SSOP16)
144
K/W


Số phần tương tự - TSA5059T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TSA5059A PHILIPS-TSA5059A Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5059AT PHILIPS-TSA5059AT Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5059ATS PHILIPS-TSA5059ATS Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
More results

Mô tả tương tự - TSA5059T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TSA5059A PHILIPS-TSA5059A Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com