công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TEA6886 bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện TEA6886
Giải thích chi tiết về linh kiện  Up-level Car radio Analog Signal Processor CASP
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6886 bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button TEA6886 Datasheet HTML 3Page - NXP Semiconductors TEA6886 Datasheet HTML 4Page - NXP Semiconductors TEA6886 Datasheet HTML 5Page - NXP Semiconductors TEA6886 Datasheet HTML 6Page - NXP Semiconductors TEA6886 Datasheet HTML 7Page - NXP Semiconductors TEA6886 Datasheet HTML 8Page - NXP Semiconductors TEA6886 Datasheet HTML 9Page - NXP Semiconductors TEA6886 Datasheet HTML 10Page - NXP Semiconductors TEA6886 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
2000 Nov 21
7
Philips Semiconductors
Product specification
Up-level Car radio Analog Signal
Processor (CASP)
TEA6886HL
6
PINNING
SYMBOL
PIN
DESCRIPTION
n.c.
1
not connected
n.c.
2
not connected
SCLQ
3
clock output (to TEA6840H)
LEVEL
4
FM and AM level input (from TEA6840H)
SCL
5
I2C-bus clock input
SDA
6
I2C-bus data input/output
DGND
7
digital ground
TBL
8
time constant for FM modulation detector
VCC
9
supply voltage
CHIME
10
chime tone input
AGND
11
analog ground
LLN
12
loudness left network
LOPI
13
left option port input (terminal impedance typical 100 k
Ω)
LOPO
14
left option port output
BRI
15
channel B right stereo input (terminal impedance typical 100 k
Ω)
ADR
16
address select input
BLI
17
channel B left stereo input (terminal impedance typical 100 k
Ω)
SCAP
18
supply filter capacitor
CRIP
19
channel C right symmetrical input (terminal impedance typical 30 k
Ω)
n.c.
20
not connected
n.c.
21
not connected
n.c.
22
not connected
CCOM
23
channel C common input (terminal impedance typical 30 k
Ω)
CLIP
24
channel C left symmetrical input (terminal impedance typical 30 k
Ω)
MONOC
25
mono common input (terminal impedance typical 30 k
Ω)
MONOP
26
mono symmetrical input (terminal impedance typical 30 k
Ω)
VHS
27
half supply filter capacitor
ARI
28
channel A right stereo input (terminal impedance typical 100 k
Ω)
AMNCAP
29
peak-to-average detector capacitor for AM noise blanker
ALI
30
channel A left stereo input (terminal impedance typical 100 k
Ω)
ROPO
31
right option port output
ROPI
32
right option port input (terminal impedance typical 100 k
Ω)
RLN
33
loudness right network
RTC
34
right treble capacitor
RBI
35
right bass network input
RBO
36
right bass network output
RF
37
right front output
n.c.
38
not connected
n.c.
39
not connected
n.c.
40
not connected


Số phần tương tự - TEA6886

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA6880 PHILIPS-TEA6880 Datasheet
328Kb / 88P
   Up-level Car radio Analog Signal Processor CASP
2000 May 08
TEA6880H PHILIPS-TEA6880H Datasheet
328Kb / 88P
   Up-level Car radio Analog Signal Processor CASP
2000 May 08
More results

Mô tả tương tự - TEA6886

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA6880H PHILIPS-TEA6880H Datasheet
328Kb / 88P
   Up-level Car radio Analog Signal Processor CASP
2000 May 08
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com