công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TEA6886HL bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện TEA6886HL
Giải thích chi tiết về linh kiện  Up-level Car radio Analog Signal Processor CASP
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6886HL bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button TEA6886HL Datasheet HTML 4Page - NXP Semiconductors TEA6886HL Datasheet HTML 5Page - NXP Semiconductors TEA6886HL Datasheet HTML 6Page - NXP Semiconductors TEA6886HL Datasheet HTML 7Page - NXP Semiconductors TEA6886HL Datasheet HTML 8Page - NXP Semiconductors TEA6886HL Datasheet HTML 9Page - NXP Semiconductors TEA6886HL Datasheet HTML 10Page - NXP Semiconductors TEA6886HL Datasheet HTML 11Page - NXP Semiconductors TEA6886HL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
2000 Nov 21
8
Philips Semiconductors
Product specification
Up-level Car radio Analog Signal
Processor (CASP)
TEA6886HL
n.c.
41
not connected
n.c.
42
not connected
RR
43
right rear output
ASICAP
44
analog step interpolate capacitor
LR
45
left rear output
LF
46
left front output
LBO
47
left bass network output
LBI
48
left bass network input
LTC
49
left treble capacitor
AMPCAP
50
AM blanking time capacitor
AMHOLD
51
AM noise blanker flag
AMHCAP
52
AM noise blanker hold capacitor
Iref
53
temperature independent reference current
TWBAM2
54
time constant for AM wideband peak detector
TUSN2
55
time constant for ultrasonic noise peak detector
PHASE
56
phase detector
fref
57
frequency reference input (75.4 kHz from TEA6840H)
PILOT
58
pilot on/off output
AFSAMPLE
59
reset for multipath detector (from TEA6840H for RDS update)
n.c.
60
not connected
n.c.
61
not connected
n.c.
62
not connected
FMHOLD
63
FM audio processing hold input (from TEA6840H for RDS update)
AMHIN
64
AM signal input (from TEA6840H)
AMNBIN
65
AM noise blanker input (from TEA6840H)
TMUTE
66
time constant for soft mute
MPXRDS
67
unmuted MPX input (from TEA6840H for RDS update)
TSNC
68
time constant for stereo noise canceller
MPXIN
69
MPX input (from TEA6840H)
FMNCAP
70
FM noise detector capacitor
DEEML
71
left de-emphasis capacitor
DEEMR
72
right de-emphasis capacitor
FMLBUF
73
left AM/FM audio buffer capacitor
FMRBUF
74
right AM/FM audio buffer capacitor
TWBAM1
75
time constant for AM wideband average detector
TUSN1
76
time constant for ultrasonic noise average detector
SDAQ
77
data input/output (to TEA6840H)
n.c.
78
not connected
n.c.
79
not connected
n.c.
80
not connected
SYMBOL
PIN
DESCRIPTION


Số phần tương tự - TEA6886HL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA6880 PHILIPS-TEA6880 Datasheet
328Kb / 88P
   Up-level Car radio Analog Signal Processor CASP
2000 May 08
TEA6880H PHILIPS-TEA6880H Datasheet
328Kb / 88P
   Up-level Car radio Analog Signal Processor CASP
2000 May 08
More results

Mô tả tương tự - TEA6886HL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA6880H PHILIPS-TEA6880H Datasheet
328Kb / 88P
   Up-level Car radio Analog Signal Processor CASP
2000 May 08
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com