công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TEA6845H bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện TEA6845H
Giải thích chi tiết về linh kiện  New In Car Entertainment NICE car radio
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6845H bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  TEA6845H Datasheet HTML 1Page - NXP Semiconductors TEA6845H Datasheet HTML 2Page - NXP Semiconductors TEA6845H Datasheet HTML 3Page - NXP Semiconductors TEA6845H Datasheet HTML 4Page - NXP Semiconductors TEA6845H Datasheet HTML 5Page - NXP Semiconductors TEA6845H Datasheet HTML 6Page - NXP Semiconductors TEA6845H Datasheet HTML 7Page - NXP Semiconductors TEA6845H Datasheet HTML 8Page - NXP Semiconductors TEA6845H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
2001 Apr 12
3
Philips Semiconductors
Product specification
New In Car Entertainment (NICE) car radio
TEA6845AH; TEA6845H
1
FEATURES
• FM mixer for conversion of FM RF from 65 to 108 MHz
to IF of 10.7 MHz; the mixer provides inherent image
rejection
• FM RF mixer can be set to receive weather band radio
up to 162.55 MHz; weather band radio flag output
• AM mixer 1 for conversion of AM RF to AM IF1 of
10.7 MHz
• LC tuner oscillator providing mixer frequencies for
FM mixer and AM mixer 1
• AM mixer 2 for conversion of AM IF1 to AM IF2 of
450 kHz
• Crystal oscillator providing mixer frequencies for
AM mixer 2 and reference for synthesizer PLL, IF count,
timing for Radio Data System (RDS) update and
reference frequency for car audio signal processor ICs
• Fast synthesizer PLL tuning system with local control for
inaudible RDS updating
• Timing function for RDS update algorithm and control
signal output for car audio signal processor ICs
(TEA688x, SAA77xx) or car radio integrated signal
processor IC (TEF6890H)
• Digital auto alignment circuit for conversion of
LC oscillator tuning voltage to controlled alignment
voltage of FM antenna tank circuit
• AGC PIN diode drive circuit for FM RF AGC; AGC
detection at FM mixer input; the AGC PIN diode drive
can be activated by the I2C-bus as a local or distance
function; AGC threshold is a programmable and keyed
function switchable via the I2C-bus
• FM IF linear amplifiers with high dynamic input range
• FM quadrature demodulator with automatic centre
frequency adjustment and Total Harmonic Distortion
(THD) compensation
• Level detector for AM and FM with temperature
compensated output voltage; starting point and slope of
level output is programmable via the I2C-bus
• AM RF PIN diode drive circuit; AGC threshold detection
at AM mixer 1 and IF2 AGC input; threshold is
programmable via the I2C-bus; AM IF2 AGC and
demodulator
• AM AF output switchable to provide AM IF2 for
AM stereo decoder
• AM noise blanker with blanking at AM IF2
• Several test modes available for fast IC and system
tests.
2
GENERAL DESCRIPTION
The TEA6845 is a single IC with car radio tuner for
AM and FM intended for microcontroller tuning with the
I2C-bus. It provides the following functions:
• AM double conversion receiver for LW, MW and SW
(31 m, 41 m and 49 m bands) with IF1 = 10.7 MHz and
IF2 = 450 kHz
• FM single conversion receiver with integrated image
rejection for IF = 10.7 MHz capable of selecting US FM,
US weather, Europe FM, East Europe FM and Japan
FM bands.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA6845AH
QFP64
plastic quad flat package; 64 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT319-5
TEA6845H
QFP64
plastic quad flat package; 64 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT319-2


Số phần tương tự - TEA6845H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA6840 PHILIPS-TEA6840 Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843HL PHILIPS-TEA6843HL Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
More results

Mô tả tương tự - TEA6845H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6848HL NXP-TEA6848HL Datasheet
1Mb / 62P
   New in car entertainment car radio tuner IC with precision adjacent channel suppression (NICE-PACS)
Rev. 04-29 January 2010
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com