công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TEA6845AH bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện TEA6845AH
Giải thích chi tiết về linh kiện  New In Car Entertainment NICE car radio
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6845AH bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button TEA6845AH Datasheet HTML 3Page - NXP Semiconductors TEA6845AH Datasheet HTML 4Page - NXP Semiconductors TEA6845AH Datasheet HTML 5Page - NXP Semiconductors TEA6845AH Datasheet HTML 6Page - NXP Semiconductors TEA6845AH Datasheet HTML 7Page - NXP Semiconductors TEA6845AH Datasheet HTML 8Page - NXP Semiconductors TEA6845AH Datasheet HTML 9Page - NXP Semiconductors TEA6845AH Datasheet HTML 10Page - NXP Semiconductors TEA6845AH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
2001 Apr 12
7
Philips Semiconductors
Product specification
New In Car Entertainment (NICE) car radio
TEA6845AH; TEA6845H
OSCFDB
41
VCO feedback
OSCTNK
42
VCO tank circuit
VDDA3
43
analog supply voltage 3 (8.5 V) for VCO
AFSAMPLE
44
AF sample flag output for car audio signal processor IC
AFHOLD
45
AF hold flag output for car audio signal processor IC
TRDSMUTE
46
time constant for RDS update mute
AMAFIF2
47
AM demodulator AF output or IF2 output for AM stereo (multiplexed by I2C-bus)
RDSMPX
48
MPX output for RDS decoder and signal processor (not muted)
FMMPX
49
FM demodulator MPX output
VDDA2
50
analog supply voltage 2 (5 V) for on-chip power supply
VDDA1
51
analog supply voltage 1 (8.5 V) for on-chip power supply
SDA
52
I2C-bus data line input and output
SCL
53
I2C-bus clock line input
IF2GND
54
AM IF2 ground
QDET1
55
quadrature demodulator tank 1
QDET2
56
quadrature demodulator tank 2
CAFC
57
FM demodulator AFC capacitor
Vlevel
58
level voltage output for AM and FM
XTAL1
59
crystal oscillator 1
XTALGND
60
crystal oscillator ground
XTAL2
61
crystal oscillator 2
Iref
62
reference current for power supply
AMMIX2OUT1
63
AM mixer 2 output 1 (450 kHz)
AMMIX2OUT2
64
AM mixer 2 output 2 (450 kHz)
SYMBOL
PIN
DESCRIPTION


Số phần tương tự - TEA6845AH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA6840 PHILIPS-TEA6840 Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843HL PHILIPS-TEA6843HL Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
More results

Mô tả tương tự - TEA6845AH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6848HL NXP-TEA6848HL Datasheet
1Mb / 62P
   New in car entertainment car radio tuner IC with precision adjacent channel suppression (NICE-PACS)
Rev. 04-29 January 2010
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com