công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TEA6823 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện TEA6823
Giải thích chi tiết về linh kiện  In Car Entertainment ICE car radio
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6823 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  TEA6823 Datasheet HTML 1Page - NXP Semiconductors TEA6823 Datasheet HTML 2Page - NXP Semiconductors TEA6823 Datasheet HTML 3Page - NXP Semiconductors TEA6823 Datasheet HTML 4Page - NXP Semiconductors TEA6823 Datasheet HTML 5Page - NXP Semiconductors TEA6823 Datasheet HTML 6Page - NXP Semiconductors TEA6823 Datasheet HTML 7Page - NXP Semiconductors TEA6823 Datasheet HTML 8Page - NXP Semiconductors TEA6823 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
1998 Mar 24
2
Philips Semiconductors
Preliminary specification
In Car Entertainment (ICE) car radio
TEA6823T; TEA6825T
FEATURES
General
• FM mixer for conversion from FM-IF1 = 72.2 MHz to
FM-IF2 = 10.7 MHz
• AM mixer for conversion from AM-IF1 = 10.7 MHz to
AM-IF2 = 450 kHz
• FM-IF gain stage
• Crystal oscillator providing mixer frequencies and
references for IF-count and stereo decoder
• FM quadrature demodulator with automatic centre
frequency adjustment and THD compensation
• Level, multi-path and noise detectors
• Soft mute
• Stereo noise cancelling and variable de-emphasis
• PLL stereo decoder
• Noise blanker
• AM IF-amplifier and demodulator
• I2C-bus transceiver with interface to enable direct data
transfer to radio front-end
• IF-count for AM and FM
• Reference frequency generation for PLL synthesizer.
Stereo decoder
• Adjustment-free PLL VCO
• Pilot depending mono/stereo switching
• Analog control of mono/stereo blend
• Adjacent channel noise suppression (114 kHz)
• Pilot cancelled
• Analog control of de-emphasis
• Integrated low-pass filters for 190 kHz adjacent channel
interferences and signal delay for interference
absorption circuit.
GENERAL DESCRIPTION
The TEA6823T together with the TEA6811T and the
TEA6825T together with the TEA6810T form an AM/FM
electronic tuned car radio in a double conversion receiver
concept.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA6823T
VSO56
plastic very small outline package; 56 leads
SOT190-1
TEA6825T
VSO56
plastic very small outline package; 56 leads; face down
SOT190-2


Số phần tương tự - TEA6823

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6824 PHILIPS-TEA6824 Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
More results

Mô tả tương tự - TEA6823

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com