công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TEA6811 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện TEA6811
Giải thích chi tiết về linh kiện  Front-end and PLL synthesizers for car radios
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6811 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  TEA6811 Datasheet HTML 1Page - NXP Semiconductors TEA6811 Datasheet HTML 2Page - NXP Semiconductors TEA6811 Datasheet HTML 3Page - NXP Semiconductors TEA6811 Datasheet HTML 4Page - NXP Semiconductors TEA6811 Datasheet HTML 5Page - NXP Semiconductors TEA6811 Datasheet HTML 6Page - NXP Semiconductors TEA6811 Datasheet HTML 7Page - NXP Semiconductors TEA6811 Datasheet HTML 8Page - NXP Semiconductors TEA6811 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1996 Jun 18
4
Philips Semiconductors
Product specification
Front-end and PLL synthesizers for
car radios
TEA6810V; TEA6811V
PINNING
SYMBOL
PIN(1)
DESCRIPTION
TEA6810
TEA6811
AGND1
1
1
analog ground 1
VCCA1
2
2
analog supply voltage 1 (+5 V)
LCKDET
3
3
lock detector flag
SDA
4
4
serial data input/output; I2C-bus
SCL
5
5
serial clock input; I2C-bus
frefN
6
6
reference frequency input from TEA6821 N-terminal
frefP
7
7
reference frequency input from TEA6821 P-terminal
DGND
8
8
digital ground
VCCD
9
9
digital supply voltage (+5 V)
n.c.
10
10
not connected
FMIFON
11
11
FM mixer negative output (72.2 MHz)
FMIFOP
12
12
FM mixer positive output (72.2 MHz)
VCCA2
13
13
analog supply voltage 2 (+8.5 V)
AGND2
14
14
analog ground 2
AMMOP
15
15
AM mixer positive output (10.7 MHz)
AMMON
16
16
AM mixer negative output (10.7 MHz)
n.c.
17
17
not connected
AMMIN
18
18
AM mixer RF input
Vref
19
19
reference voltage output from AM band gap
n.c.
20
20
not connected
AMMGND
21
21
AM mixer ground
AMPREO
22
22
AM preamplifier output
n.c.
23
23
not connected
AMSB1
24
24
AM feedback switch SB1
AMSB2
25
25
AM feedback switch SB2
AMPREI
26
26
AM preamplifier input
AMAGCC
27
27
AM AGC capacitor
AMPREC
28
28
AM preamplifier decoupling capacitor
RFGND
29
29
RF ground
FMRFIP
30
30
RF positive input for FM mixer
FMRFIN
31
31
RF negative input for FM mixer
IPIDIO
32
32
pin diode drive
FMAGCC
33
33
FM AGC integrating capacitor
FMAGCref
34
34
FM AGC reference voltage
OSCFDB
35
35
oscillator feedback input
OSCGND
36
36
oscillator ground
OSCTNK
37
37
oscillator tank output


Số phần tương tự - TEA6811

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823 PHILIPS-TEA6823 Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
More results

Mô tả tương tự - TEA6811

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEMIC Semiconductors
U4062B TEMIC-U4062B Datasheet
219Kb / 21P
   HF Front End for Car Radios and HiFi Receivers
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
logo
Panasonic Semiconductor
AN7216 PANASONIC-AN7216 Datasheet
128Kb / 4P
   FM Front End Circuit for Radios
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
logo
Burr-Brown (TI)
AFEDRI8201 BURR-BROWN-AFEDRI8201 Datasheet
240Kb / 22P
   IF ADC Front End for AM/FM and HD Radios
logo
Panasonic Semiconductor
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
logo
NXP Semiconductors
TEF6730A NXP-TEF6730A Datasheet
276Kb / 58P
   Front-end for digital-IF car radio
Rev. 01-21 February 2007
logo
Panasonic Semiconductor
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
AN7280S PANASONIC-AN7280S Datasheet
81Kb / 7P
   FM Front-end IC for Car Radio
logo
NXP Semiconductors
TEF6730 NXP-TEF6730 Datasheet
270Kb / 56P
   Front-end for digital-IF car radio
Rev. 01-10 July 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com