công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ79076EG bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ79076EG
Giải thích chi tiết về linh kiện  Electronic Ignition Control Circuit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ79076EG bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ79076EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
79076
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Reference High/Un-Clamped (27)
VCC = 4.0 V, IR = sourcing 100 mA, Ref/Dwell = 3.0 V, Advance =
1.0 V, EST = Bypass = 0 V
V(R)HI/UNCL
3.2
3.36
-
V
Reference High/Clamped (27)
VCC = 16 V, Ref/Dwell = 3.0 V, Advance = 1.0 V, EST = Bypass = 0 V
IR = sourcing 10 µA
IR = sourcing 1.0 mA
V(R)HI/CL
-
12
5.41
15.3
6.0
-
V
CONTROLS
Dwell Control Negative Clamp Voltage (27)
VCC = 16 V, IDC = sourcing 100 µA, Ref/Dwell = Advance = 1.0 V, EST
= Bypass = 0 V
V(DC)-CL
0.5
0.7
0.8
V
Dwell Control Positive Clamp Voltage (27)
VCC = 16 V, IDC = sinking 100 µA, Ref/Dwell = 1.0 V, Advance = Open,
EST = Bypass = 0 V
V(DC)+CL
8.0
8.2
8.4
V
Dwell Control Charge Current (27)
VCC = 16 V, Ref/Dwell = 1.0 V, Advance = Dwell Control = 3.0 V, EST
= Bypass = 0 V
I(DC)CHG
30
47
58
µA
Dwell Control Discharge Current (27)
VCC = 16 V, Current Sense = 0.5 V, Ref/Dwell = Advance = 1.0 V, EST
= Bypass = 0 V
I(DC)DISCHG
18
33
48
µA
Dwell Control Input Current (27)
VCC = 16 V, Ref/Dwell = Advance = 1.0 V, EST = Bypass = 0 V, Dwell
Control = 7.0 V
I(DC)SINK
-
1.1
2.5
µA
RPM Detect Charge Current ON (27)
VCC = 16 V, Ref/Dwell = 3.0 V, Advance = 1.0 V, EST = Bypass = 0 V
I(RPM)CHG
-4.0
0.54
1.0
mA
RPM Detect Current (27)
VCC = 16 V, 1.0 V = Ref/Dwell = Advance = 3.0 V, EST = Bypass = 0 V
RPM Detect = 0.5 V
RPM Detect = 1.5 V
I(RPM)LKG
04.0
-0.1
0.55
0.01
1.0
0.1
µA
RPM Detect Clamp Voltage (27)
VCC = 16 V, Ref/Dwell = 3.0 V, Advance = 1.0 V, EST = Bypass =
0 V, RPM Detect = sourcing 16 µA
V(RPM)CL
2.4
2.5
2.7
V
Notes
18.
Dwell Control adjusts the reference voltage of Dwell Comparator.
19.
Dwell Control. sourcing 100 µA.
20.
Dwell Control sinking 100 µA.
21.
Dwell Control at 3.0 V; Internal Dwell Control transistor OFF.
22.
Dwell Control at 3.0 V; Internal Dwell Control transistor ON.
23.
Dwell Control at 7.0 V; Internal Dwell Control transistor OFF.
24.
Q53 and Q54 both ON; Measured with RPM Detect voltage at 0.5 V to reflect maximum source current capability. See Typical
Applications on page 10
25.
Q53 and Q54 both OFF; Measured with RPM Detect voltage at 0.5 V and 1.5 V to reflect maximum leakage current. Typical Applications
on page 10
26.
Q53 and Q54 both ON; RPM Detect sinking 16 µA. Typical Applications on page 10
Table 2. Static Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
≤ V
CC ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MCZ79076EG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MCZ79076EG/R2 NXP-MCZ79076EG/R2 Datasheet
522Kb / 13P
   Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
More results

Mô tả tương tự - MCZ79076EG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
79076 NXP-79076 Datasheet
522Kb / 13P
   Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
logo
Motorola, Inc
MC79076 MOTOROLA-MC79076 Datasheet
64Kb / 2P
   ELECTRONIC IGNITION CONTROL CIRCUIT
logo
Mallory performance clu...
686M MALLORY-686M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
   ELECTRONIC IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
   ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
686M MALLORY-686M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
   IGNITION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com