công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FM-9036LM-5AN bảng dữ liệu(PDF) 1 Page - Opto Electronics Co,. LTD |
|
FM-9036LM-5AN bảng dữ liệu(HTML) 1 Page - Opto Electronics Co,. LTD |
1 / 7 page 光電企業有限公司 FM-9038LM-5AN November 2006 Rev 1.3 IR Receiver Modules for Remote Control Systems Ordering Info.(carrier frequencies) 37.9 K FM-9038LM-5AN 40.0 K FM-9040LM-5AN 56.7 K FM-9056LM-5AN 36.7 K FM-9036LM-5AN 32.7 K FM-9032LM-5AN Carrier Frequency (fo) Type Features Supply Voltage Range: 2.7V to 6.5V TTL and CMOS compatibility Photo detector and preamplifier in one package. Internal filter for PCM frequency Open collector output (built-in Pull-up resistor(40K) Output active low Enhanced Immunity against all kinds of disturbance light No occurrence of disturbance pulses at output pin within nominal conditions. Short settling time after power On.( below 1msec) Meet RoHS Block Diagram The FM-9038LM-5AN is remote control receiver modules. Pin diode and receiver IC are assembled on one module. Small-sized, light-weight, and low current consumption. modules have been achieved by using resin mold. The demodulated output signal can directly be decoded by a microprocessor. The main benefit is the reliable function even in disturbed ambient and the protection against uncontrolled output pulses. Description Application Circuit R-C filter recommended to suppress power supply disturbances. R-C filter should be connected closely between VCC pin and GND pin. VCC GND IR Receiver Module VCC GND VOUT Transmitter 47uf 47~100Ω MCU |
Số phần tương tự - FM-9036LM-5AN |
|
Mô tả tương tự - FM-9036LM-5AN |