công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AME8570AEIUAF31Z bảng dữ liệu(PDF) 1 Page - Analog Microelectronics

tên linh kiện AME8570AEIUAF31Z
Giải thích chi tiết về linh kiện  mProcessor Supervisory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AME [Analog Microelectronics]
Trang chủ  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8570AEIUAF31Z bảng dữ liệu(HTML) 1 Page - Analog Microelectronics

  AME8570AEIUAF31Z Datasheet HTML 1Page - Analog Microelectronics AME8570AEIUAF31Z Datasheet HTML 2Page - Analog Microelectronics AME8570AEIUAF31Z Datasheet HTML 3Page - Analog Microelectronics AME8570AEIUAF31Z Datasheet HTML 4Page - Analog Microelectronics AME8570AEIUAF31Z Datasheet HTML 5Page - Analog Microelectronics AME8570AEIUAF31Z Datasheet HTML 6Page - Analog Microelectronics AME8570AEIUAF31Z Datasheet HTML 7Page - Analog Microelectronics AME8570AEIUAF31Z Datasheet HTML 8Page - Analog Microelectronics AME8570AEIUAF31Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AME, Inc.
1
Rev. A.01
AME8570
µProcessor Supervisory
n Functional Block Diagram
The AME8570 family allows the user to customize the
CPU reset function without any external components.
The user has serveral choice of reset voltage thresholds,
reset time intervals, and output driver configurations, all
of which are preset at the factory.
These circuits monitor the power supply voltage of
µP
based systems. When the power supply voltage drops
below the voltage threshold a reset is asserted immedi-
ately ( within an interval T
D1 ). The reset remains asserted
after the supply voltage rises above the voltage threshold
for a time interval, T
D2.
The reset output may be either
active high ( RESET ) or active low ( RESETB ). The
reset output may be configured as either push/pull or
open drain. The state of the reset output is guaranteed
to be correct only when supply voltage is greater than
1V.
The AME8570 also provide a reset manually by pulling
the MRB input to ground.
Space saving SC-70 package and micropower quies-
cent current ( < 5.0
µA ) make this family a natural for
portable battery powered equipment.
l Portable Electronics
l Power Supplies
l Computer Peripherals
l Data Acquisition Systems
l Applications using CPUs
l Consumer Electronics
n General Description
n Features
n Applications
l Small Packages : SC-70, SOT-23
l Tight Voltage Threshold Tolerance :
± 1.50%
l Wide Temperature Range : -40OC to 85OC
l Low Quiescent Current < 5.0
µA
l Manual Reset Input Option
l All AME's Lead Free Products Meet RoHS
Standards
Delay
IN
GND
R1
R2
I1
V
REF
N1
RESET/
RESETB
MRB
AME8570 Open-Drain RESET/ RESETB with MRB
Delay
IN
GND
R1
R2
I1
V
REF
P1
N1
RESET/
RESETB
AME8570 Push-Pull RESET/ RESETB
RESET/
RESETB
Delay
IN
GND
R1
R2
I1
V
REF
N1
AME8570 Open-Drain RESET/RESETB
Delay
IN
GND
R1
R2
I1
V
REF
P1
N1
RESET/
RESETB
MRB
AME8570 Push-Pull RESET/ RESETB with MRB


Số phần tương tự - AME8570AEIUAF31Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
   Manual Reset Input Option
More results

Mô tả tương tự - AME8570AEIUAF31Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
logo
Analog Microelectronics
AME8500 AME-AME8500 Datasheet
410Kb / 14P
   UProcessor Supervisory
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
   Supervisory Circuit
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
   Supervisory Circuits
logo
ON Semiconductor
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
logo
Pericom Semiconductor C...
PT7M1233 PERICOM-PT7M1233 Datasheet
253Kb / 7P
   Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com