công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GSS4509 bảng dữ liệu(PDF) 3 Page - GTM CORPORATION

tên linh kiện GSS4509
Giải thích chi tiết về linh kiện  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GTM [GTM CORPORATION]
Trang chủ  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSS4509 bảng dữ liệu(HTML) 3 Page - GTM CORPORATION

  GSS4509 Datasheet HTML 1Page - GTM CORPORATION GSS4509 Datasheet HTML 2Page - GTM CORPORATION GSS4509 Datasheet HTML 3Page - GTM CORPORATION GSS4509 Datasheet HTML 4Page - GTM CORPORATION GSS4509 Datasheet HTML 5Page - GTM CORPORATION GSS4509 Datasheet HTML 6Page - GTM CORPORATION GSS4509 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GSS4509
Page: 3/7
ISSUED DATE :2005/08/29
REVISED DATE :2005/09/29B
P-Channel Electrical Characteristics(Tj = 25
Unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID=-250uA
Breakdown Voltage Temperature Coefficient
BVDSS /
Tj
-
-0.02
-
V/ :
Reference to 25 : , ID=-1mA
Gate Threshold Voltage
VGS(th)
-1.0
-
-3.0
V
VDS=VGS, ID=-250uA
Forward Transconductance
gfs
-
14
-
S
VDS=-10V, ID=-8A
Gate-Source Leakage Current
IGSS
-
-
D100
nA
VGS= D20V
Drain-Source Leakage Current(Tj=25 : )
-
-
-1
uA
VDS=-30V, VGS=0
Drain-Source Leakage Current(Tj=70 : )
IDSS
-
-
-25
uA
VDS=-24V, VGS=0
-
-
20
VGS=-10V, ID=-8A
Static Drain-Source On-Resistance2
RDS(ON)
-
-
30
m Ł
VGS=-4.5V, ID=-4A
Total Gate Charge2
Qg
-
27
45
Gate-Source Charge
Qgs
-
4
-
Gate-Drain (“Miller”) Change
Qgd
-
18
-
nC
ID=-8A
VDS=-24V
VGS=-4.5V
Turn-on Delay Time2
Td(on)
-
16
-
Rise Time
Tr
-
11
-
Turn-off Delay Time
Td(off)
-
40
-
Fall Time
Tf
-
25
-
ns
VDS=-15V
ID=-1A
VGS=-10V
RG=3.3 Ł
RD=15 Ł
Input Capacitance
Ciss
-
1580
2530
Output Capacitance
Coss
-
540
-
Reverse Transfer Capacitance
Crss
-
450
-
pF
VGS=0V
VDS=-25V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
-1.2
V
IS=-1.7A, VGS=0V
Reverse Recovery Time2
Trr
-
40
-
ns
Reverse Recovery Charge
Qrr
-
32
-
nC
IS=-8A, VGS=0V
dI/dt=100A/ s
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.
3. Surface mounted on 1 in2 copper pad of FR4 board; 135 : /W when mounted on Min. copper pad.


Số phần tương tự - GSS4509

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GTM CORPORATION
GSS4500 GTM-GSS4500 Datasheet
436Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4501 GTM-GSS4501 Datasheet
423Kb / 9P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4501S GTM-GSS4501S Datasheet
492Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4502 GTM-GSS4502 Datasheet
589Kb / 9P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Mô tả tương tự - GSS4509

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com