công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16271DLRG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện 74ALVCH16271DLRG4
Giải thích chi tiết về linh kiện  12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16271DLRG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  74ALVCH16271DLRG4 Datasheet HTML 1Page - Texas Instruments 74ALVCH16271DLRG4 Datasheet HTML 2Page - Texas Instruments 74ALVCH16271DLRG4 Datasheet HTML 3Page - Texas Instruments 74ALVCH16271DLRG4 Datasheet HTML 4Page - Texas Instruments 74ALVCH16271DLRG4 Datasheet HTML 5Page - Texas Instruments 74ALVCH16271DLRG4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16271DLRG4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16271DLRG4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16271DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
OEA
LE1B
2B3
GND
2B2
2B1
VCC
A1
A2
A3
GND
A4
A5
A6
A7
A8
A9
GND
A10
A11
A12
VCC
1B1
1B2
GND
1B3
LE2B
SEL
OEB
CLKENA2
2B4
GND
2B5
2B6
VCC
2B7
2B8
2B9
GND
2B10
2B11
2B12
1B12
1B11
1B10
GND
1B9
1B8
1B7
VCC
1B6
1B5
GND
1B4
CLKENA1
CLK
SN74ALVCH16271
12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER
WITH 3-STATE OUTPUTS
SCES017G – JULY 1995 – REVISED SEPTEMBER 2004
Member of the Texas Instruments Widebus™
Family
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds JESD 22
- 2000-V Human-Body Model (A114-A)
- 200-V Machine Model (A115-A)
This 12-bit to 24-bit bus exchanger is designed for
1.65-V to 3.6-V VCC operation.
The SN74ALVCH16271 is intended for applications in
which two separate data paths must be multiplexed
onto, or demultiplexed from, a single data path. This
device
is
particularly
suitable
as
an
interface
between
conventional
DRAMs
and
high-speed
microprocessors.
A data is stored in the internal A-to-B registers on the
low-to-high transition of the clock (CLK) input,
provided that the clock-enable (CLKENA) inputs are
low. Proper control of these inputs allows two
sequential 12-bit words to be presented as a 24-bit
word on the B port.
Transparent
latches
in
the
B-to-A
path
allow
asynchronous operation to maximize memory access
throughput. These latches transfer data when the
latch-enable (LE) inputs are low. The select (SEL)
line selects 1B or 2B data for the A outputs. Data flow
is controlled by the active-low output enables (OEA,
OEB).
line
space
To ensure the high-impedance state during power up or power down, the output enables should be tied to V
CC
through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the
driver.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
PACKAGE(1)
PART NUMBER
MARKING
Tube
SN74ALVCH16271DL
SSOP - DL
ALVCH16271
-40
°C to 85°C
Tape and reel
SN74ALVCH16271DLR
TSSOP - DGG
Tape and reel
SN74ALVCH16271DGGR ALVCH16271
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - 74ALVCH16271DLRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
74ALVCH16270DGGRE4 TI1-74ALVCH16270DGGRE4 Datasheet
356Kb / 15P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
74ALVCH16270DGGRG4 TI1-74ALVCH16270DGGRG4 Datasheet
356Kb / 15P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
74ALVCH16270DLG4 TI1-74ALVCH16270DLG4 Datasheet
356Kb / 15P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
74ALVCH16270DLRG4 TI1-74ALVCH16270DLRG4 Datasheet
356Kb / 15P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
74ALVCH162721DLG4 TI1-74ALVCH162721DLG4 Datasheet
345Kb / 14P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - 74ALVCH16271DLRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ALVCH16271 TI-SN74ALVCH16271 Datasheet
136Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16271 PERICOM-PI74ALVCH16271 Datasheet
245Kb / 6P
   12-Bit To 24-Bit Multiplexed Bus Exchanger with 3-State Outputs
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com