công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8326 bảng dữ liệu(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS8326
Giải thích chi tiết về linh kiện  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8326 bảng dữ liệu(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS8326 Datasheet HTML 7Page - Burr-Brown (TI) ADS8326 Datasheet HTML 8Page - Burr-Brown (TI) ADS8326 Datasheet HTML 9Page - Burr-Brown (TI) ADS8326 Datasheet HTML 10Page - Burr-Brown (TI) ADS8326 Datasheet HTML 11Page - Burr-Brown (TI) ADS8326 Datasheet HTML 12Page - Burr-Brown (TI) ADS8326 Datasheet HTML 13Page - Burr-Brown (TI) ADS8326 Datasheet HTML 14Page - Burr-Brown (TI) ADS8326 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.ti.com
0
-20
-40
-60
-80
-100
-120
-140
-160
0
25
50
75
100
125
Frequency(kHz)
0
-20
-40
-60
-80
-100
-120
-140
-160
0
25
50
75
100
125
Frequency(kHz)
105
100
95
90
85
80
75
70
65
-105
-100
-95
-90
-85
-80
-75
-70
-65
1
10
SFDR
THD
(1)
200
100
Frequency(kHz)
NOTE:(1)Firstnineharmonicsoftheinputfrequency.
100
95
90
85
80
75
70
65
1
10
SNR
SINAD
200
100
Frequency(kHz)
16.0
15.0
14.0
13.0
12.0
11.0
10.0
1
10
200
100
Frequency(kHz)
0.25
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-50
-25
0
25
50
75
100
Temperature(°C)
f
=1.98364kHz, 0.2dB
-
IN
ADS8326
SBAS343 – MAY 2007
TYPICAL CHARACTERISTICS: V
DD = +5V (continued)
At T
A = +25°C, VDD = +5V, VREF = +5V. fSAMPLE = 250kHz, fCLK = 24 × fSAMPLE, unless otherwise noted.
FREQUENCY SPECTRUM
FREQUENCY SPECTRUM
(8192 point FFT, fIN = 1.9836kHz, –0.2dB)
(8192 point FFT, fIN = 9.9792kHz, –0.2dB)
Figure 8.
Figure 9.
SIGNAL-TO-NOISE AND
SPURIOUS-FREE DYNAMIC RANGE AND
SIGNAL-TO-NOISE + DISTORTION
TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
vs INPUT FREQEUNCY
Figure 10.
Figure 11.
EFFECTIVE NUMBER OF BITS
CHANGE IN SIGNAL-TO-NOISE + DISTORTION
vs INPUT FREQUENCY
vs TEMPERATURE
Figure 12.
Figure 13.
11
Submit Documentation Feedback


Số phần tương tự - ADS8326

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326IBDGKR TI1-ADS8326IBDGKR Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326IBDGKRG4 TI1-ADS8326IBDGKRG4 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326IBDGKT TI1-ADS8326IBDGKT Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326IBDGKTG4 TI1-ADS8326IBDGKTG4 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8326

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com