công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZY7015LGQ1 bảng dữ liệu(PDF) 5 Page - Power-One

tên linh kiện ZY7015LGQ1
Giải thích chi tiết về linh kiện  3V to 13.2V Input 0.5V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWER-ONE [Power-One]
Trang chủ  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7015LGQ1 bảng dữ liệu(HTML) 5 Page - Power-One

  ZY7015LGQ1 Datasheet HTML 1Page - Power-One ZY7015LGQ1 Datasheet HTML 2Page - Power-One ZY7015LGQ1 Datasheet HTML 3Page - Power-One ZY7015LGQ1 Datasheet HTML 4Page - Power-One ZY7015LGQ1 Datasheet HTML 5Page - Power-One ZY7015LGQ1 Datasheet HTML 6Page - Power-One ZY7015LGQ1 Datasheet HTML 7Page - Power-One ZY7015LGQ1 Datasheet HTML 8Page - Power-One ZY7015LGQ1 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ZY7015 15A DC-DC Intelligent POL Data Sheet
3V to 13.2V Input 0.5V to 5.5V Output
Output Undervoltage Protection
Type
Default
Programmable
Non-Latching, 130ms period
Latching/Non-Latching
Threshold
Default
Programmable in 5% steps
75
75
85
%VO.SET
%VO.SET
Threshold Accuracy
Measured at VO.SET=2.5V
-2
2
%VUVP.SET
Delay
From instant when threshold is exceeded until
the turn-off command is generated
6
µs
Overtemperature Protection
Type
Default
Programmable
Non-Latching, 130ms period
Latching/Non-Latching
Turn Off Threshold
Temperature is increasing
130
°C
Turn On Threshold
Temperature is decreasing after the module was
shut down by OTP
120
°C
Threshold Accuracy
-5
5
°C
Delay
From instant when threshold is exceeded until
the turn-off command is generated
6
µs
Tracking Protection (when Enabled)
Type
Default
Programmable
Disabled
Latching/Non-Latching, 130ms period
Threshold
Enabled during output voltage ramping up
±250
mVDC
Threshold Accuracy
-50
50
mVDC
Delay
From instant when threshold is exceeded until
the turn-off command is generated
6
µs
Overtemperature Warning
Threshold
Always enabled, reported in Status register
120
°C
Threshold Accuracy
-5
5
°C
Hysteresis
3
°C
Delay
From instant when threshold is exceeded until
the warning signal is generated
6
µs
Power Good Signal (PGOOD pin)
Logic
VOUT is inside the PG window
VOUT is outside the PG window
High
Low
N/A
Lower Threshold
Default
Programmable in 5% steps
90
90
95
%VO.SET
%VO.SET
Upper Threshold
110
%VO.SET
Delay
From instant when threshold is exceeded until
status of PG signal changes
6
µs
Threshold Accuracy
Measured at VO.SET=2.5V
-2
2
%VO.SET
___________________
1
Minimum OVP threshold is 1.0V
ZD-00283 REV. 2.2
www.power-one.com
Page 5 of 34


Số phần tương tự - ZY7015LGQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-Q1 POWER-ONE-ZY7010LG-Q1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T1 POWER-ONE-ZY7010LG-T1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T2 POWER-ONE-ZY7010LG-T2 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T3 POWER-ONE-ZY7010LG-T3 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
More results

Mô tả tương tự - ZY7015LGQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
Y5117P POWER-ONE-Y5117P Datasheet
1Mb / 14P
   3.0V to 13.2V Input 0.7V to 3.63V Output
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
DP8110 POWER-ONE-DP8110 Datasheet
2Mb / 34P
   8V to 14V Input, 0.7V to 5.5V Output
logo
Maxim Integrated Produc...
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com