công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STK22C48-N45 bảng dữ liệu(PDF) 8 Page - Simtek Corporation |
|
STK22C48-N45 bảng dữ liệu(HTML) 8 Page - Simtek Corporation |
8 / 15 page 8 February 2007 Document Control #ML0004 Rev 0.3 STK22C48 nvSRAM OPERATION The STK22C48 has two separate modes of opera- tion: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as a standard fast static RAM . In nonvolatile mode, data is transferred from SRAM to Nonvolatile Elements (the STORE opera- tion) or from Nonvolatile Elements to SRAM (the RECALL operation). In this mode SRAM functions are disabled. NOISE CONSIDERATIONS The STK22C48 is a high-speed memory and so must have a high-frequency bypass capacitor of approximately 0.1 μF connected between V CAP and V SS, using leads and traces that are as short as pos- sible. As with all high-speed CMOS ICs, normal care- ful routing of power, ground and signals will help prevent noise problems. SRAM READ The STK22C48 performs a READ cycle whenever E and G are low and W and HSB are high. The address specified on pins A 0-10 determines which of the 2,048 data bytes will be accessed. When the READ is initiated by an address transition, the out- puts will be valid after a delay of t AVQV (READ cycle #1). If the READ is initiated by E or G, the outputs will be valid at t ELQV or at tGLQV, whichever is later (READ cycle #2). The data outputs will repeatedly respond to address changes within the t AVQV access time without the need for transitions on any control input pins, and will remain valid until another address change or until E or G is brought high, or W or HSB is brought low. SRAM WRITE A WRITE cycle is performed whenever E and W are low and HSB is high. The address inputs must be stable prior to entering the WRITE cycle and must remain stable until either E or W goes high at the end of the cycle. The data on the common I/O pins DQ 0-7 will be written into the memory if it is valid tDVWH before the end of a W controlled WRITE or t DVEH before the end of an E controlled WRITE. It is recommended that G be kept high during the entire WRITE cycle to avoid data bus contention on common I/O lines. If G is left low, internal circuitry will turn off the output buffers t WLQZ after W goes low. POWER-UP RECALL During power up, or after any low-power condition (V CAP < VRESET), an internal RECALL request will be latched. When V CAP once again exceeds the sense voltage of V SWITCH, a RECALL cycle will automatically be initiated and will take t RESTORE to complete. If the STK22C48 is in a WRITE state at the end of power-up RECALL, the SRAM data will be corrupted. To help avoid this situation, a 10K Ohm resistor should be connected either between W and system V CC or between E and system VCC. AutoStore OPERATION The STK22C48 can be powered in one of three modes. During normal AutoStore operation, the STK22C48 will draw current from V CCX to charge a capacitor connected to the V CAP pin. This stored charge will be used by the chip to perform a single STORE opera- tion. After power up, when the voltage on the V CAP pin drops below V SWITCH, the part will automatically disconnect the V CAP pin from V CCX and initiate a STORE operation. Figure 2 shows the proper connection of capacitors for automatic store operation. A charge storage capacitor having a capacity of between 68 μF and 220 μF (± 20%) rated at 6V should be provided. In system power mode (Figure 3), both V CCX and V CAP are connected to the + 5V power supply without the 68 μF capacitor. In this mode the AutoStore func- tion of the STK22C48 will operate on the stored sys- tem charge as power goes down. The user must, however, guarantee that V CCX does not drop below 3.6V during the 10ms STORE cycle. If an automatic STORE on power loss is not required, then V CCX can be tied to ground and + 5V applied to V CAP (Figure 4). This is the AutoStore Inhibit mode, in which the AutoStore function is disabled. If the STK22C48 is operated in this configuration, refer- ences to V CCX should be changed to VCAP throughout this data sheet. In this mode, STORE operations may be triggered with the HSB pin. It is not permissible to change between these three options “on the fly.” In order to prevent unneeded STORE operations, automatic STOREs as well as those initiated by externally driving HSB low will be ignored unless at |
Số phần tương tự - STK22C48-N45 |
|
Mô tả tương tự - STK22C48-N45 |