công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK14CA8-NF35I bảng dữ liệu(PDF) 11 Page - Simtek Corporation

tên linh kiện STK14CA8-NF35I
Giải thích chi tiết về linh kiện  128Kx8 Autostore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIMTEK [Simtek Corporation]
Trang chủ  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14CA8-NF35I bảng dữ liệu(HTML) 11 Page - Simtek Corporation

Back Button STK14CA8-NF35I Datasheet HTML 7Page - Simtek Corporation STK14CA8-NF35I Datasheet HTML 8Page - Simtek Corporation STK14CA8-NF35I Datasheet HTML 9Page - Simtek Corporation STK14CA8-NF35I Datasheet HTML 10Page - Simtek Corporation STK14CA8-NF35I Datasheet HTML 11Page - Simtek Corporation STK14CA8-NF35I Datasheet HTML 12Page - Simtek Corporation STK14CA8-NF35I Datasheet HTML 13Page - Simtek Corporation STK14CA8-NF35I Datasheet HTML 14Page - Simtek Corporation STK14CA8-NF35I Datasheet HTML 15Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STK14CA8
11
February 2007
Document Control #ML0022 Rev 1.5
nvSRAM
The STK14CA8 nvSRAM is made up of two func-
tional components paired in the same physical cell.
These are the SRAM memory cell and a nonvolatile
QuantumTrap cell. The SRAM memory cell operates
like a standard fast static RAM. Data in the SRAM
can be transferred to the nonvolatile cell (the
STORE operation), or from the nonvolatile cell to
SRAM (the RECALL operation). This unique archi-
tecture allows all cells to be stored and recalled in
parallel. During the STORE and RECALL operations
SRAM READ and WRITE operations are inhibited.
The STK14CA8 supports unlimited read and writes
like a typical SRAM. In addition, it provides unlimited
RECALL operations from the nonvolatile cells and
up to 200K STORE operations.
SRAM READ
The STK14CA8 performs a READ cycle whenever
E and G are low while W and HSB are high. The
address specified on pins A0-16 determine which of
the 131,072 data bytes will be accessed. When the
READ is initiated by an address transition, the out-
puts will be valid after a delay of tAVQV (READ cycle
#1). If the READ is initiated by E and G, the outputs
will be valid at tELQV or at tGLQV, whichever is later
(READ cycle #2). The data outputs will repeatedly
respond to address changes within the tAVQV
access time without the need for transitions on any
control input pins, and will remain valid until another
address change or until E or G is brought high, or W
and HSB is brought low.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
low and HSB is high. The address inputs must be
stable prior to entering the WRITE cycle and must
remain stable until either E or W goes high at the
end of the cycle. The data on the common I/O pins
DQ0-7 will be written into memory if it is valid tDVWH
before the end of a W controlled WRITE or tDVEH
before the end of an E controlled WRITE.
It is recommended that G be kept high during the
entire WRITE cycle to avoid data bus contention on
common I/O lines. If G is left low, internal circuitry
will turn off the output buffers tWLQZ after W goes
low.
AutoStore OPERATION
The STK14CA8 stores data to nvSRAM using one
of three storage operations. These three operations
are Hardware Store (activated by HSB), Software
Store (activated by an address sequence), and
AutoStore (on power down).
AutoStore operation is a unique feature of Simtek
QuanumTrap technology is enabled by default on
the STK14CA8.
During normal operation, the device will draw cur-
rent from VCC to charge a capacitor connected to
the VCAP pin. This stored charge will be used by the
chip to perform a single STORE operation. If the
voltage on the VCC pin drops below VSWITCH, the
part will automatically disconnect the VCAP pin from
VCC. A STORE operation will be initiated with power
provided by the VCAP capacitor.
Figure 3 shows the proper connection of the storage
capacitor (VCAP) for automatic store operation.
Refer to the DC CHARACTERISTICS table for the
size of VCAP. The voltage on the VCAP pin is driven
to 5V by a charge pump internal to the chip. A pull
up should be placed on W to hold it inactive during
power up.
To reduce unneeded nonvolatile stores, AutoStore
and Hardware Store operations will be ignored
unless at least one WRITE operation has taken
place since the most recent STORE or RECALL
cycle. Software initiated STORE cycles are per-
formed regardless of whether a WRITE operation
nvSRAM OPERATION
VCC
VCC
VCAP
W
Figure 3. AutoStore Mode


Số phần tương tự - STK14CA8-NF35I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK14CA8-NF35I ETC-STK14CA8-NF35I Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14CA8-NF35I SIMTEK-STK14CA8-NF35I Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-NF35I CYPRESS-STK14CA8-NF35I Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8-NF35ITR SIMTEK-STK14CA8-NF35ITR Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-NF35ITR CYPRESS-STK14CA8-NF35ITR Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
More results

Mô tả tương tự - STK14CA8-NF35I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cypress Semiconductor
STK14CA8 CYPRESS-STK14CA8 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com