công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK11C88-3N25 bảng dữ liệu(PDF) 6 Page - Simtek Corporation

tên linh kiện STK11C88-3N25
Giải thích chi tiết về linh kiện  32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIMTEK [Simtek Corporation]
Trang chủ  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C88-3N25 bảng dữ liệu(HTML) 6 Page - Simtek Corporation

Back Button STK11C88-3N25 Datasheet HTML 2Page - Simtek Corporation STK11C88-3N25 Datasheet HTML 3Page - Simtek Corporation STK11C88-3N25 Datasheet HTML 4Page - Simtek Corporation STK11C88-3N25 Datasheet HTML 5Page - Simtek Corporation STK11C88-3N25 Datasheet HTML 6Page - Simtek Corporation STK11C88-3N25 Datasheet HTML 7Page - Simtek Corporation STK11C88-3N25 Datasheet HTML 8Page - Simtek Corporation STK11C88-3N25 Datasheet HTML 9Page - Simtek Corporation STK11C88-3N25 Datasheet HTML 10Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STK11C88-3
March 2006
6
Document Control # ML0013 rev 0.2
SOFTWARE STORE/RECALL MODE SELECTION
Note l:
The six consecutive addresses must be in order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
Note m: While there are 15 addresses on the STK11C88-3, only the lower 14 are used to control software modes.
SOFTWARE STORE/RECALL CYCLEn, o
(VCC = 3.0V-3.6V)
Note n:
The software sequence is clocked with E controlled READs.
Note o:
The six consecutive addresses must be in the order listed in the Software STORE/RECALL Mode Selection Table: (0E38, 31C7, 03E0, 3C1F,
303F, 0FC0) for a STORE cycle or (0E38, 31C7, 03E0, 3C1F, 303F, 0C63) for a RECALL cycle. W must be high during all six consecutive
cycles.
SOFTWARE STORE/RECALL CYCLE: E Controlledo
E
W
A13 - A0 (hex)
MODE
I/O
NOTES
L
H
0E38
31C7
03E0
3C1F
303F
0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
l, m
L
H
0E38
31C7
03E0
3C1F
303F
0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
l, m
NO.
SYMBOLS
PARAMETER
STK11C88-3-35
STK11C88-3-45
STK11C88-3-55
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
26
tAVAV
STORE/RECALL Initiation Cycle Time
35
45
55
ns
27
tAVEL
n
Address Set-up Time
0
0
0
ns
28
tELEH
n
Clock Pulse Width
25
30
45
ns
29
tELAX
n
Address Hold Time
20
20
20
ns
30
tRECALL
n
RECALL Duration
20
20
20
μs
HIGH IMPEDANCE
ADDRESS #6
ADDRESS #1
DATA VALID
26
tAVAV
DATA VALID
DQ (DATA
E
ADDRESS
23
30
tSTORE / tRECALL
26
tAVAV
27
tAVEL
28
tELEH
29
tELAX


Số phần tương tự - STK11C88-3N25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK11C88-N20 ETC1-STK11C88-N20 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N20I ETC1-STK11C88-N20I Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N25 ETC1-STK11C88-N25 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N25I ETC1-STK11C88-N25I Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N35 ETC1-STK11C88-N35 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results

Mô tả tương tự - STK11C88-3N25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com