công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK16C68 bảng dữ liệu(PDF) 7 Page - Simtek Corporation

tên linh kiện STK16C68
Giải thích chi tiết về linh kiện  8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIMTEK [Simtek Corporation]
Trang chủ  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK16C68 bảng dữ liệu(HTML) 7 Page - Simtek Corporation

Back Button STK16C68 Datasheet HTML 2Page - Simtek Corporation STK16C68 Datasheet HTML 3Page - Simtek Corporation STK16C68 Datasheet HTML 4Page - Simtek Corporation STK16C68 Datasheet HTML 5Page - Simtek Corporation STK16C68 Datasheet HTML 6Page - Simtek Corporation STK16C68 Datasheet HTML 7Page - Simtek Corporation STK16C68 Datasheet HTML 8Page - Simtek Corporation STK16C68 Datasheet HTML 9Page - Simtek Corporation STK16C68 Datasheet HTML 10Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STK16C68
March 2006
7
Document Control # ML0010 rev 0.2
The AutoStorePlus™ STK16C68 is a fast 8K x 8
SRAM that does not lose its data on power-down.
The data is preserved in integral QuantumTrap™
Nonvolatile Elements while power is unavailable.
The nonvolatility of the STK16C68 does not require
any system intervention or support: AutoStore-
Plus™ on power-down and automatic RECALL on
power-up guarantee data integrity without the use of
batteries.
NOISE CONSIDERATIONS
Note that the STK16C68 is a high-speed memory
and so must have a high-frequency bypass capaci-
tor of approximately 0.1
μF connected between V
CC
and V
SS, using leads and traces that are as short as
possible. As with all high-speed CMOS ICs, normal
careful routing of power, ground and signals will
help prevent noise problems.
SRAM READ
The STK16C68 performs a READ cycle whenever E
and G are low and W is high. The address specified
on pins A
0-12 determines which of the 8,192 data
bytes will be accessed. When the READ is initiated
by an address transition, the outputs will be valid
after a delay of t
AVQV (READ cycle #1). If the READ is
initiated by E or G, the outputs will be valid at t
ELQV or
at t
GLQV, whichever is later (READ cycle #2). The data
outputs will repeatedly respond to address changes
within the t
AVQV access time without the need for tran-
sitions on any control input pins, and will remain valid
until another address change or until E or G is
brought high or W is brought low.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
low. The address inputs must be stable prior to
entering the WRITE cycle and must remain stable
until either E or W goes high at the end of the cycle.
The data on the common I/O pins DQ
0-7 will be writ-
ten into the memory if it is valid t
DVWH before the end
of a W controlled WRITE or t
DVEH before the end of an
E controlled WRITE.
It is recommended that G be kept high during the
entire WRITE cycle to avoid data bus contention on
the common I/O lines. If G is left low, internal circuitry
will turn off the output buffers t
WLQZ after W goes low.
AutoStorePlus™ OPERATION
The STK16C68’s automatic STORE on power-down
is completely transparent to the system. The
AutoStore™ initiation takes less than 500ns when
power is lost (V
CC < VSWITCH) at which point the part
depends only on its internal capacitor for STORE
completion. This safe transfer of data from SRAM to
Nonvolatile Elements takes place regardless of
power supply slew rate.
In order to prevent unneeded STORE operations, the
automatic STORE will be ignored unless at least one
WRITE
operation has taken place since the most
recent STORE or RECALL cycle. Software-initiated
STORE
cycles are performed regardless of whether
or not a WRITE operation has taken place.
POWER-UP RECALL
During power up, or after any low-power condition
(V
CC < VRESET), an internal RECALL request will be
latched. When V
CC once again exceeds the sense
voltage of V
SWITCH, a RECALL cycle will automatically
be initiated and will take t
RESTORE to complete.
If the STK16C68 is in a WRITE state at the end of
power-up RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10k
Ω resistor should
be connected either between W and system V
CC or
between E and system V
CC.
SOFTWARE NONVOLATILE STORE
The STK16C68 software STORE cycle is initiated by
executing sequential READ cycles from six specific
address locations. During the STORE cycle an erase
of the previous nonvolatile data is first performed,
followed by a program of the nonvolatile elements.
The program operation copies the SRAM data into
nonvolatile memory. Once a STORE cycle is initi-
ated, further input and output are disabled until the
cycle is completed.
Because a sequence of READs from specific
addresses is used for STORE initiation, it is impor-
tant that no other READ or WRITE accesses inter-
vene in the sequence or the sequence will be
aborted and no STORE or RECALL will take place.
To initiate the software STORE cycle, the following
READ
sequence must be performed:
DEVICE OPERATION


Số phần tương tự - STK16C68

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-S20 ETC1-STK16C68-S20 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-S20I ETC1-STK16C68-S20I Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-S25 ETC1-STK16C68-S25 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-S25I ETC1-STK16C68-S25I Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Mô tả tương tự - STK16C68

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com