công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G5J2596M bảng dữ liệu(PDF) 3 Page - GTM CORPORATION

tên linh kiện G5J2596M
Giải thích chi tiết về linh kiện  150 KHz, 3A PWM Step-Down DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GTM [GTM CORPORATION]
Trang chủ  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G5J2596M bảng dữ liệu(HTML) 3 Page - GTM CORPORATION

  G5J2596M Datasheet HTML 1Page - GTM CORPORATION G5J2596M Datasheet HTML 2Page - GTM CORPORATION G5J2596M Datasheet HTML 3Page - GTM CORPORATION G5J2596M Datasheet HTML 4Page - GTM CORPORATION G5J2596M Datasheet HTML 5Page - GTM CORPORATION G5J2596M Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
G5J2596M
Page: 3/6
ISSUED DATE :2006/03/09
REVISED DATE :2006/05/17B
All Output Voltage Version Electrical Characteristics
Specifications in boldface type are for full operating temperature range. The other type are for TJ=25 : .
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Feedback bias current
IFB
VFB=1.3V (adjustable version only)
-
-10
-50/-100
nA
Oscillator frequency
FOSC
127/110
150
173/173
kHz
Oscillator frequency of
short circuit protect
FSCP When current limit occurred and
VFB<0.5V, TA=25 : .
5
15
25
kHz
Saturation voltage
VSAT I
LOAD
=3A No outside circuit
VFB=0V force drive on
-
1.4
1.6/1.7
V
Max. duty cycle (ON)
VFB=0V force drive on
-
100
-
Max. duty cycle (OFF)
DC
VFB=12V force drive off
-
0
-
%
Current limit
ICL
Peak current No outside circuit
VFB=0V force drive on
3.6
4.5
5.5/6.5
A
Output=0V, No outside circuit
VFB=12V force drive off
-
-
-200
uA
Output leakage current
IL
Output=-1V, VIN=22V
-
-5
-
mA
Quiescent current
IQ
VFB=12V force drive off
-
5
10
mA
VIL
Low (Regulator ON)
-
-
-
0.6
ON/OFF pin logic input
Threshold Voltage
VIH
High (Regulator OFF)
2.0
-
-
V
ON/OFF pin Logic input
current
IH
VLOGIC=2.5V ( Regulator OFF)
-
-
-0.01
ON/OFF pin input
current
IL
VLOGIC=0.5V ( Regulator ON)
-
-0.1
-1
uA
Standby quiescent
current
ISTBY ON/OFF pin=5V, VIN=12V
-
150
200
uA
JC
Junction to Case
-
10
-
Thermal Resistance
JA
Junction to Ambient with copper
area of approximately 2 cm2
-
50
-
: /W
Unless otherwise specified, VIN=12V for 3.3V, 5V, adjustable version and VIN=18V for the 12V version. ILOAD=0.5A
Function Description
The TO-252-5L surface mount package tab is designed to be soldering to the copper on a printed circuit board. The copper and the board
are the heat sink for this package and the other heat producing components, such as the catch diode and inductor. The PC board copper
area that the package is soldered to should be at least 0.8 in2 and ideally should have 2 or more square inches of 2 oz. Additional copper
area improve the thermal characteristics, but with copper areas greater than approximately 6 in2, only small improvements in heat
dissipation are realized. If further thermal improvements are needed, double sided, multi-layer PC board with large copper areas and/or
airflow will be recommended. The G5J2596M junction temperature rises above ambient temperature with a 3A load and different input and
output voltages. The data was taken with the circuit operating as a buck-switching regulator with all components mounted on a PC board
to simulate the junction temperature under actual operating conditions. This curve can be used for a quick check for the approximate
junction temperature for various conditions, but be aware that there are many factors that can affect the junction temperature. When load
current higher than 3A are used, double sided or multi-layer PC boards with large copper areas and/or airflow might be needed, especially
for high ambient temperatures and high output voltages.
For the best thermal performance, wide copper traces and generous amounts of printed circuit board copper should be used in the board
layout. (One exception to this is the output (switch) pin, which should not have large areas of copper.) Large areas of copper provide the
best transfer of heat (lower thermal resistance) to the surrounding air, and moving air lowers the thermal resistance even further.
Package thermal resistance and junction temperature rise numbers are all approximate, and there are many factors will affect these
numbers. Some of these factors include board size, shape, thickness, position, location and even board temperature. Other factors are,
trace width, total printed circuit copper area, copper thickness, single or double-sided, multi-layer board and the amount of solder on the
board. The effectiveness of the PC board to dissipate heat also depends on the size, quantity and spacing of other components on the
board, as well as the surrounding air is still or moving. Furthermore, some of these components such as the catch diode will add heat to
the PC board and the heat can vary as the input voltage changes. For the inductor, depending on the physical size, type of core material
and the DC resistance, it could either act as a heat sink taking heat away from the board, or it could add heat to the board.


Số phần tương tự - G5J2596M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GTM CORPORATION
G5J2167 GTM-G5J2167 Datasheet
766Kb / 6P
   750mA CMOS Positive Voltage Regulator
logo
E-Tech Electronics LTD
G5J2167 ETL-G5J2167 Datasheet
770Kb / 6P
   7 5 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5J2167-15 ETL-G5J2167-15 Datasheet
770Kb / 6P
   7 5 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5J2167-25 ETL-G5J2167-25 Datasheet
770Kb / 6P
   7 5 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
logo
GTM CORPORATION
G5J2187 GTM-G5J2187 Datasheet
807Kb / 7P
   750mA CMOS Positive Voltage Regulator
More results

Mô tả tương tự - G5J2596M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
S5U2596M SECOS-S5U2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5E2596M SECOS-S5E2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5J2596M SECOS-S5J2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
GTM CORPORATION
G5U2596M GTM-G5U2596M Datasheet
616Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
G5E2596M GTM-G5E2596M Datasheet
618Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
GSC2596M GTM-GSC2596M Datasheet
648Kb / 6P
   150 KHz, 2A PWM Step-Down DC/DC Converter
logo
Anachip Corp
AP1501 ANACHIP-AP1501 Datasheet
129Kb / 7P
   150 KHZ 3A PWM BUCK DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM612DA ELM-TECH-ELM612DA_17 Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
ELM612DA ELM-TECH-ELM612DA Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
logo
ELM Electronics
ELM612DA ELM-ELM612DA Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com