công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC1271ATBVRCTR bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
TC1271ATBVRCTR bảng dữ liệu(HTML) 7 Page - Microchip Technology |
7 / 40 page © 2007 Microchip Technology Inc. DS22035B-page 7 TC1270A/70AN/71A 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, TA = –40°C to +125°C. FIGURE 2-1: IDD vs. Temperature (Reset Power-up Timer Inactive) (TC1270AL, TC1270ANL, TC1271AL - 4.50V min. / 4.63V typ. / 4.75V max.). FIGURE 2-2: IDD vs. Temperature (Reset Power-up Timer Inactive) (TC1270AT, TC1270ANT, TC1271AT - 3.00V min. / 3.08V typ. / 3.15V max.). FIGURE 2-3: IDD vs. Temperature (Reset Power-up Timer Inactive) (TC1270AR, TC1270ANR, TC1271AR - 2.55V min. / 2.63V typ. / 2.70V max.). FIGURE 2-4: IDD vs. Temperature (Reset Power-up Timer Active) (TC1270AL, TC1270ANL, TC1271AL - 4.50V min. / 4.63V typ. / 4.75V max.). FIGURE 2-5: IDD vs. Temperature (Reset Power-up Timer Active) (TC1270AT, TC1270ANT, TC1271AT - 3.00V min. / 3.08V typ. / 3.15V max.). FIGURE 2-6: IDD vs. Temperature (Reset Power-up Timer Active) (TC1270AR, TC1270ANR, TC1271AR - 2.55V min. / 2.63V typ. / 2.70V max.). Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0 0.5 1 1.5 2 2.5 Temperature (°C) 1.0V 2.0V 3.0V 4.0V 5.0V 0 0.5 1 1.5 2 2.5 3 Temperature (°C) 1.0V 2.0V 3.0V 4.0V 5.0V 0 0.5 1 1.5 2 2.5 3 Temperature (°C) 1.0V 2.0V 3.0V 4.0V 5.0V 4.5 5 5.5 6 6.5 7 Temperature (°C) 4.8V 5.5V 3 3.5 4 4.5 5 5.5 6 6.5 7 Temperature (°C) 4.5V 5.5V 3.5V 2.5 3 3.5 4 4.5 5 5.5 6 6.5 Temperature (°C) 4.0V 5.0V 3.0V |
Số phần tương tự - TC1271ATBVRCTR |
|
Mô tả tương tự - TC1271ATBVRCTR |