công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1271ALCVCTTR bảng dữ liệu(PDF) 1 Page - Microchip Technology

tên linh kiện TC1271ALCVCTTR
Giải thích chi tiết về linh kiện  Voltage Supervisor with Manual Reset Input
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271ALCVCTTR bảng dữ liệu(HTML) 1 Page - Microchip Technology

  TC1271ALCVCTTR Datasheet HTML 1Page - Microchip Technology TC1271ALCVCTTR Datasheet HTML 2Page - Microchip Technology TC1271ALCVCTTR Datasheet HTML 3Page - Microchip Technology TC1271ALCVCTTR Datasheet HTML 4Page - Microchip Technology TC1271ALCVCTTR Datasheet HTML 5Page - Microchip Technology TC1271ALCVCTTR Datasheet HTML 6Page - Microchip Technology TC1271ALCVCTTR Datasheet HTML 7Page - Microchip Technology TC1271ALCVCTTR Datasheet HTML 8Page - Microchip Technology TC1271ALCVCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 1
TC1270A/70AN/71A
Features:
• Precision voltage monitor
- 2.63V, 2.93V, 3.08V, 4.38V and 4.63V trip
points (Typical)
• Manual Reset input
• Reset Time-out Delay:
- Standard: 280 ms (Typical)
- Optional: 2.19 ms, and 35 ms (Typical)
• Power Consumption
≤ 15 µA max
• No glitches on outputs during power-up
• Active Low Output Options:
- Push-Pull Output and Open-Drain Output
• Active High Output Option:
- Push-Pull Output
• Replacement for (Specification compatible with):
- TC1270, TC1271
- TCM811, TCM812
• Fully static design
• Low voltage operation (1.0V)
• ESD protection:
-
≥ 4 kV Human Body Model (HBM)
-
≥ 400V Machine Model (MM)
• Extended (E) Temperature range:
-40°C to +125°C
• Package Options:
- 4-lead SOT-143
- 5-lead SOT-23
- Pb-free Device
Package Types
Functional Block Diagram
Device Features
1
2
4
3
SOT-143
VSS
VDD
RST
MR
1
2
4
3
SOT-143
VSS
VDD
RST
MR
1
2
3
5
4
SOT-23-5
1
2
3
5
4
SOT-23-5
NC
NC
VDD
MR
RST
VSS
VSS
VDD
MR
RST
18.5 k
Ω
VDD
MR
RST
RST
Glitch Filter
Voltage
Detector
PP
PP
Circuitry
(TC1271A)
(TC1270A)
Reset
Generator
& Delay
Timer
(2.19 ms,
35 ms,
280 ms)
OD
RST
(TC1270AN)
Device
Output
Packages
Comment
Type
Active
Level
TC1270A
Push-Pull
Low
2.19,
35,
280 (1)
4.63, 4.38,
3.08, 2.93,
2.63(4)
1.0V
to
5.5V
-40°C
to
+125°C
SOT-143 (2),
SOT-23-5
Replaces TC1270 and
TCM811
TC1270AN
Open-Drain
Low
SOT-23-5
New Option
TC1271A
Push-Pull
High
SOT-143 (2),
SOT-23-5
Replaces TC1271 and
TCM812
Note 1:
The 280 ms Reset Delay time-out is compatible with the TC1270, TC1271, TCM811, and TCM812
devices.
2:
The SOT-143 package is compatible with the TC1270, TC1271, TCM811, and TCM812 devices.
3:
Custom Reset Trip Points and Reset Delays available, contact factory.
4:
The TC1270/1 and TCM811/12 1.75V Trip Point Option is not supported.
Voltage Supervisor with Manual Reset Input


Số phần tương tự - TC1271ALCVCTTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1271A MICROCHIP-TC1271A Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1271AMAVRCTR MICROCHIP-TC1271AMAVRCTR Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1271ASBVCTTR MICROCHIP-TC1271ASBVCTTR Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1271ATVRCTR MICROCHIP-TC1271ATVRCTR Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
More results

Mô tả tương tự - TC1271ALCVCTTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
   4 Pin P Voltage Supervisor with Manual Reset
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com