công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1270ANLCVCTTR bảng dữ liệu(PDF) 3 Page - Microchip Technology

tên linh kiện TC1270ANLCVCTTR
Giải thích chi tiết về linh kiện  Voltage Supervisor with Manual Reset Input
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270ANLCVCTTR bảng dữ liệu(HTML) 3 Page - Microchip Technology

  TC1270ANLCVCTTR Datasheet HTML 1Page - Microchip Technology TC1270ANLCVCTTR Datasheet HTML 2Page - Microchip Technology TC1270ANLCVCTTR Datasheet HTML 3Page - Microchip Technology TC1270ANLCVCTTR Datasheet HTML 4Page - Microchip Technology TC1270ANLCVCTTR Datasheet HTML 5Page - Microchip Technology TC1270ANLCVCTTR Datasheet HTML 6Page - Microchip Technology TC1270ANLCVCTTR Datasheet HTML 7Page - Microchip Technology TC1270ANLCVCTTR Datasheet HTML 8Page - Microchip Technology TC1270ANLCVCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 3
TC1270A/70AN/71A
Reset Threshold Tempco
±30
ppm/°C
Reset Trip Point
Hysteresis (4)
VHYS
0.3
%
Percentage of VTRIP Voltage
MR Input High Threshold
VIH
2.3
V
VDD > VTRIP(MAX), L/M only
0.7 VDD
——
V
VDD > VTRIP(MAX), R/S/T only
MR Input Low Threshold
VIL
——
0.8
V
VDD > VTRIP(MAX), L/M only
0.25 VDD
VVDD > VTRIP(MAX), R/S/T only
MR Pull-up Resistance
10
18.5
40
k
Ω
Open-Drain High Voltage
on Output
VODH
13.5
V
Open-Drain Output pin only.
VDD = 3.0V, Time voltage > 5.5
applied
≤ 100s. Current into pin
limited to 2 mA +25°C operation
recommended (Note 6)
Reset
Output
Voltage
Low (2)
TC1270A/
TC1270AN
VOL
0.3
V
R/S/T only,
ISINK = 1.2 mA, VDD = VTRIP(MIN)
TC1271A
0.3
V
R/S/T only,
ISINK = 1.2 mA, VDD = VTRIP(MAX)
TC1270A/
TC1270AN
0.4
V
L/M only,
ISINK = 3.2 mA, VDD = VTRIP(MIN)
TC1271A
0.3
V
L/M only,
ISINK = 3.2 mA, VDD = VTRIP(MAX)
TC1270A/
TC1270AN
0.3
V
L/M only,
ISINK = 50 µA, VDD > 1.0V
Reset
Output
Voltage
High (2)
TC1270A
VOH
0.8 VDD
V
R/S/T only,
ISOURCE = 500 µA, VDD = VTRIP(MAX)
TC1270A
VDD - 1.5
V
L/M only,
ISOURCE = 800 µA, VDD = VTRIP(MAX)
TC1271A
0.8 V
DD
——
V
ISOURCE = 500 µA, VDD ≤ VTRIP(MIN)
Input Leakage Current
IIL
——
±1
µA
VPIN = VDD
Open-Drain RST Output
Leakage
IOLOD
1
µA
Open-Drain configuration only.
Capacitive Loading
Specification on Output
Pins
CIO
50
pF
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, VDD = 5V for L/M versions, VDD = 3.3V for T/S versions,
VDD = 3V for R version, TA = -40°C to +125°C. Typical values are at TA = +25°C.
Parameter
Sym
Min
Typ(1)
Max
Units
Test Conditions
Note 1:
Data in the Typical (“Typ”) column is at 5V, +25
°C, unless otherwise stated.
2:
RST output for TC1270A, and TC1270AN, RST output for TC1271A.
3:
TC127XA refers to either the TC1270A, TC1270AN or TC1271A device.
4:
Hysteresis is within the VTRIP(MIN) to VTRIP(MAX) window.
5:
Custom ordered Voltage Trip Point. Minimum order volume requirement.
6:
This specification allows this device to be used in PIC® microcontroller applications that require the
In-Circuit Serial Programming™ (ICSP™) feature (see device-specific programming specifications for
voltage requirements). The total time that the RST pin can be above the maximum device operational
voltage (5.5V) is 100s. Current into the RST pin should be limited to 2 mA. It is recommended that the
device operational temperature be maintained between 0°C to +70°C (+25°C preferred). For additional
information, refer to Figure 2-41.


Số phần tương tự - TC1270ANLCVCTTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1270ANLAVCTTR MICROCHIP-TC1270ANLAVCTTR Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
More results

Mô tả tương tự - TC1270ANLCVCTTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
   4 Pin P Voltage Supervisor with Manual Reset
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com