công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1256-EUN bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện MCP1256-EUN
Giải thích chi tiết về linh kiện  Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1256-EUN bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button MCP1256-EUN Datasheet HTML 2Page - Microchip Technology MCP1256-EUN Datasheet HTML 3Page - Microchip Technology MCP1256-EUN Datasheet HTML 4Page - Microchip Technology MCP1256-EUN Datasheet HTML 5Page - Microchip Technology MCP1256-EUN Datasheet HTML 6Page - Microchip Technology MCP1256-EUN Datasheet HTML 7Page - Microchip Technology MCP1256-EUN Datasheet HTML 8Page - Microchip Technology MCP1256-EUN Datasheet HTML 9Page - Microchip Technology MCP1256-EUN Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MCP1256/7/8/9
DS21989A-page 6
© 2006 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
NOTE: Unless otherwise indicated, CIN = COUT = 10 μF, C1 = C2 = 1 μF, IOUT = 10 mA, and TA= +25°C.
FIGURE 2-1:
Efficiency (
η) vs. Output
Current (IOUT).
FIGURE 2-2:
Efficiency (
η) vs. Output
Current (IOUT).
FIGURE 2-3:
Efficiency (
η) vs. Supply
Voltage (VIN).
FIGURE 2-4:
Efficiency (
η) vs. Supply
Voltage (VIN).
FIGURE 2-5:
Efficiency (
η) vs. Supply
Voltage (VIN).
FIGURE 2-6:
Efficiency (
η) vs. Supply
Voltage (VIN).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
40
50
60
70
80
90
100
10
30
50
70
90
110
130
Output Current (mA)
VIN = 1.8V
VIN = 2.1V
VIN = 2.4V
VIN = 2.7V
0
10
20
30
40
50
60
70
80
90
10
30
50
70
90
110
130
Output Current (mA)
VIN = 2.7V
VIN = 3.0V
VIN = 3.3V
0
10
20
30
40
50
60
70
80
90
100
1.82.1
2.42.7
3.03.3
Input Voltage (V)
IOUT = 10 mA
Mode Transition
0
10
20
30
40
50
60
70
80
90
100
1.82.1
2.42.7
3.03.3
Input Voltage (V)
IOUT = 25 mA
Mode Transition
0
10
20
30
40
50
60
70
80
90
100
1.82.1
2.42.7
3.03.3
Input Voltage (V)
IOUT = 50 mA
Mode Transition
0
10
20
30
40
50
60
70
80
90
100
1.82.1
2.42.7
3.03.3
Input Voltage (V)
IOUT = 100 mA
Mode Transition


Số phần tương tự - MCP1256-EUN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
More results

Mô tả tương tự - MCP1256-EUN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
Texas Instruments
TPS60210 TI-TPS60210 Datasheet
371Kb / 21P
[Old version datasheet]   REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
TPS60210DGSR TI1-TPS60210DGSR Datasheet
994Kb / 26P
[Old version datasheet]   REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
logo
Maxim Integrated Produc...
MAX679 MAXIM-MAX679 Datasheet
76Kb / 6P
   Regulated 3.3V Charge Pump
Rev 0; 4/97
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Semtech Corporation
SC613 SEMTECH-SC613 Datasheet
375Kb / 14P
   Low Noise Regulated Charge Pump with Selectable Output
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com