công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1016-3.0VCTTR bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện TC1016-3.0VCTTR
Giải thích chi tiết về linh kiện  80 mA, Tiny CMOS LDO With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016-3.0VCTTR bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button TC1016-3.0VCTTR Datasheet HTML 6Page - Microchip Technology TC1016-3.0VCTTR Datasheet HTML 7Page - Microchip Technology TC1016-3.0VCTTR Datasheet HTML 8Page - Microchip Technology TC1016-3.0VCTTR Datasheet HTML 9Page - Microchip Technology TC1016-3.0VCTTR Datasheet HTML 10Page - Microchip Technology TC1016-3.0VCTTR Datasheet HTML 11Page - Microchip Technology TC1016-3.0VCTTR Datasheet HTML 12Page - Microchip Technology TC1016-3.0VCTTR Datasheet HTML 13Page - Microchip Technology TC1016-3.0VCTTR Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TC1016
DS21666B-page 10
© 2005 Microchip Technology Inc.
4.1
Input Capacitor
Low input source impedance is necessary for the LDO
to operate properly. When operating from batteries, or
in applications with long lead length (> 10") between
the input source and the LDO, some input capacitance
is required. A minimum of 0.1 µF is recommended for
most applications and the capacitor should be placed
as close to the input of the LDO as is practical. Larger
input capacitors will help reduce the input impedance
and further reduce any high-frequency noise on the
input and output of the LDO.
4.2
Output Capacitor
A minimum output capacitance of 1 µF for the TC1016
is required for stability. The ESR requirements on the
output capacitor are between 0 and 2 ohms. The output
capacitor should be located as close to the LDO output
as is practical. Ceramic materials X7R and X5R have
low temperature coefficients and are well within the
acceptable ESR range required. A typical 1 µF X5R
0805 capacitor has an ESR of 50 milli-ohms. Larger
output capacitors can be used with the TC1016 to
improve dynamic behavior and input ripple rejection
performance.
Ceramic, aluminum electrolytic or tantalum capacitor
types can be used. Since many aluminum electrolytic
capacitors freeze at approximately –30
°C, ceramic or
solid tantalums are recommended for applications
operating below –25
°C. When operating from sources
other than batteries, supply noise rejection and tran-
sient response can be improved by increasing the
value of the input and output capacitors, and by
employing passive filtering techniques.
4.3
Turn-On Response
The turn on response is defined as two separate
response categories, Wake-up Time (tWK) and Settling
Time (tS).
The TC1016 has a fast tWK (10 µsec, typ.) when
released from shutdown. Figure 4-3 provides the
TC1016’s tWK. The tWK is defined as the time it takes
for the output to rise to 2% of the VOUT value after being
released from shutdown.
The total turn-on response is defined as the t
S (see
Figure 4-3). The t
S (inclusive with t
WK) is defined as the
condition when the output is within 98% of its fully
enabled value (42 µsec, typ.) when released from shut-
down. The settling time of the output voltage is
dependent on load conditions and output capacitance
on VOUT (RC response).
Table 4-1 demonstrates the typical turn-on response
timing for different input voltage power-up frequencies:
VOUT = 2.8V, VIN = 5.0V, IOUT = 60 mA and COUT = 1 µF.
TABLE 4-1:
TYPICAL TURN-ON
RESPONSE TIMING
FIGURE 4-3:
Wake-Up Time from Shutdown.
Frequency
Typical (tWK)
Typical (tS)
1000 Hz
5.3 µsec
14 µsec
500 Hz
5.9 µsec
16 µsec
100 Hz
9.8 µsec
32 µsec
50 Hz
14.5 µsec
52 µsec
10 Hz
17.2 µsec
77 µsec
V
IH
t
S
t
WK
V
OUT
98%
2%
V
IL
SHDN


Số phần tương tự - TC1016-3.0VCTTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1016-1.85VCTTR MICROCHIP-TC1016-1.85VCTTR Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016-1.85VLTTR MICROCHIP-TC1016-1.85VLTTR Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016-1.8VCTTR MICROCHIP-TC1016-1.8VCTTR Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016-1.8VLTTR MICROCHIP-TC1016-1.8VLTTR Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016-2.6VCTTR MICROCHIP-TC1016-2.6VCTTR Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results

Mô tả tương tự - TC1016-3.0VCTTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1016 MICROCHIP-TC1016_13 Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com