công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC2117-2.5DBTR bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện TC2117-2.5DBTR
Giải thích chi tiết về linh kiện  800 mA Fixed Low Dropout Positive Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2117-2.5DBTR bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button TC2117-2.5DBTR Datasheet HTML 3Page - Microchip Technology TC2117-2.5DBTR Datasheet HTML 4Page - Microchip Technology TC2117-2.5DBTR Datasheet HTML 5Page - Microchip Technology TC2117-2.5DBTR Datasheet HTML 6Page - Microchip Technology TC2117-2.5DBTR Datasheet HTML 7Page - Microchip Technology TC2117-2.5DBTR Datasheet HTML 8Page - Microchip Technology TC2117-2.5DBTR Datasheet HTML 9Page - Microchip Technology TC2117-2.5DBTR Datasheet HTML 10Page - Microchip Technology TC2117-2.5DBTR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21665C-page 7
TC2117
4.0
DETAILED DESCRIPTION
The TC2117 is a precision, positive output LDO. Unlike
bipolar regulators, the TC2117 supply current does not
increase proportionally with load current. In addition,
VOUT remains stable and within regulation over the
entire 0 mA to 800 mA operating load range.
FIGURE 4-1:
TYPICAL APPLICATION
CIRCUIT
4.1
Output Capacitor
A 1 µF (min) capacitor from VOUT to ground is required.
The output capacitor should have an effective series
resistance of 0.2
Ω to 10Ω. A 1 µF capacitor should be
connected from VIN to GND if there is more than 10
inches of wire between the regulator and the AC filter
capacitor, or if a battery is used as the power source.
Aluminum electrolytic or tantalum capacitor types can
be used. (Since many aluminum electrolytic capacitors
freeze at approximately -30°C, solid tantalums are
recommended for applications operating below -25°C.)
When operating from sources other than batteries,
supply noise rejection and transient response can be
improved by increasing the value of the input and
output capacitors and employing passive filtering
techniques.
4.2
Thermal Considerations
4.2.1
THERMAL SHUTDOWN
Integrated thermal protection circuitry shuts the regula-
tor off when die temperature exceeds 160°C. The
regulator remains off until the die temperature drops to
approximately 150°C.
4.2.2
POWER DISSIPATION
The amount of power the regulator dissipates is prima-
rily a function of input and output voltage, and output
current. The following equation is used to calculate
worst case actual power dissipation:
EQUATION 4-1:
The
maximum
allowable
power
dissipation
(Equation 4-2) is a function of the maximum ambient
temperature (TAMAX), the maximum allowable die
temperature (+125°C) and the thermal resistance from
junction-to-air (
θJA).
EQUATION 4-2:
Table 4-1 shows various values of
θJA for the TC2117
mounted on a 1/16 inch, 2-layer PCB with 1 oz. copper
foil.
TABLE 4-1:
THERMAL RESISTANCE
GUIDELINES FOR TC2117 IN
3-PIN SOT-223 PACKAGE
C1
1µF
Battery
TC2117
VIN
VOUT
C2
1µF
GND
VOUT
Copper
Area
(Topside)*
Copper
Area
(Backside)
Board Area
Thermal
Resistance
2500 sq mm
2500 sq mm
2500 sq mm
45°C/W
1000 sq mm
2500 sq mm
2500 sq mm
45°C/W
225 sq mm
2500 sq mm
2500 sq mm
53°C/W
100 sq mm
2500 sq mm
2500 sq mm
59°C/W
1000 sq mm
1000 sq mm
1000 sq mm
52°C/W
1000 sq mm
0 sq mm
1000 sq mm
55°C/W
* Tab of device attached to topside copper.
Where:
VINMAX
VOUTMIN
ILOADMAX
PD = Worst-case actual power dissipation
= Minimum regulator output voltage
= Maximum output (load) current
= Maximum voltage on VIN
PD
VINMAX VOUTMIN
()I
LOADMAX
=
PDMAX = (TJMAX – TAMAX)
θJA
Where all terms are previously defined.


Số phần tương tự - TC2117-2.5DBTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC2117-2.5VDB MICROCHIP-TC2117-2.5VDB Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117-2.5VDBTR MICROCHIP-TC2117-2.5VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117-2.5VEBTR MICROCHIP-TC2117-2.5VEBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
More results

Mô tả tương tự - TC2117-2.5DBTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
International Rectifier
IRU1011-33 IRF-IRU1011-33 Datasheet
111Kb / 6P
   1.3A LOW DROPOUT POSITIVE FIXED REGULATOR
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
logo
ON Semiconductor
MC33269D-33G ONSEMI-MC33269D-33G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com