công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC1306R-BDVUA bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
TC1306R-BDVUA bảng dữ liệu(HTML) 7 Page - Microchip Technology |
7 / 18 page © 2007 Microchip Technology Inc. DS21527C-page 7 TC1306 6.0 TYPICAL CHARACTERISTICS Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. VDD = 6.0V, IL = 100µA VDD = 6.0V, IL = 100µA 1.81 1.80 1.79 1.78 1.77 1.76 1.75 1.74 2.505 2.500 2.495 2.490 2.485 2.480 2.475 2.470 2.465 2.460 3.000 2.995 2.990 2.985 2.980 2.975 2.970 2.965 2.960 2.955 2.950 VOUT1 at Various VDD and Load vs. Temperature VDD = 6.0V, IL = 100µA Load VDD = 2.8V, IL = 150mA Load VDD = 6.0V, IL = 100mA Load TEMPERATURE ( °C) -40 -20 5 125 105 80 55 30 TEMPERATURE ( °C) -40 -20 5 125 105 80 55 30 TEMPERATURE ( °C) -40 -20 5 125 105 80 55 30 VOUT2 at Various VDD / Load Current vs. Temperature (Select = GND) VOUT2 at Various VDD / Load Current vs. Temperature (Select = VDD) VDD = 3.8V, IL = 150mA VDD = 3.8V, IL = 100mA VDD = 3.8V, IL = 50mA VDD = 3.8V, IL = 100µA VDD = 4.0V, IL = 100µA VDD = 3.8V, IL = 50mA VDD = 3.8V, IL = 100mA VDD = 4.0V, IL = 150mA 3 3.5 4 4.5 5 5.5 6 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 160 140 120 100 80 60 40 20 0 Load Regulation 1 vs. Temperature 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 IDD vs. VDD (Select = GND) Load Regulation 2 vs. Temperature (Select = GND) TEMPERATURE ( °C) -40 -20 5 125 105 80 55 30 TEMPERATURE ( °C) -40 -20 5 125 105 80 55 30 VDD (V) 125 °C -40 °C 25 °C % Load Reg #1, IL = 0.1 to 150mA IL = 0.1 to 150mA LOAD CURRENT (mA) 0 25 50 75 100 125 150 0.20 0.18 0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0.00 0.20 0.18 0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0.00 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 Load Regulation 2 vs. Temperature (Select = VDD) Dropout Voltage vs. Load Current (Select = GND) Dropout Voltage vs. Load Current (Select = VDD) TEMPERATURE ( °C) -40 -20 5 125 105 80 55 30 IL = 0.1 to 150mA -40 °C 25 °C 125 °C -40 °C 25 °C LOAD CURRENT (mA) 0 25 50 75 100 125 150 125 °C |
Số phần tương tự - TC1306R-BDVUA |
|
Mô tả tương tự - TC1306R-BDVUA |