công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AZTEL07 bảng dữ liệu(PDF) 2 Page - Arizona Microtek, Inc |
|
AZTEL07 bảng dữ liệu(HTML) 2 Page - Arizona Microtek, Inc |
2 / 6 page AZ10EL07 AZ100EL07 November 2006 * REV - 3 www.azmicrotek.com 2 Absolute Maximum Ratings are those values beyond which device life may be impaired. Symbol Characteristic Rating Unit VCC PECL Power Supply (VEE = 0V) 0 to +8.0 Vdc VI PECL Input Voltage (VEE = 0V) 0 to +6.0 Vdc VEE ECL Power Supply (VCC = 0V) -8.0 to 0 Vdc VI ECL Input Voltage (VCC = 0V) -6.0 to 0 Vdc IOUT Output Current --- Continuous --- Surge 50 100 mA TA Operating Temperature Range -40 to +85 °C TSTG Storage Temperature Range -65 to +150 °C 10K ECL DC Characteristics (VEE = -4.75V to -5.5V, VCC = GND) -40 °C 0 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Min Typ Max Unit VOH Output HIGH Voltage 1 -1080 -890 -1020 -840 -980 -810 -910 -720 mV VOL Output LOW Voltage 1 -1950 -1650 -1950 -1630 -1950 -1630 -1950 -1595 mV VIH Input HIGH Voltage -1230 -890 -1170 -840 -1130 -810 -1060 -720 mV VIL Input LOW Voltage -1950 -1500 -1950 -1480 -1950 -1480 -1950 -1445 mV IIH Input HIGH Current D0 D1 250 150 250 150 250 150 250 150 μA IIL Input LOW Current 0.5 0.5 0.5 0.5 μA IEE Power Supply Current 14 17 14 17 14 17 14 17 mA 1. Each output is terminated through a 50 Ω resistor to V CC – 2V. 10K PECL DC Characteristics (VEE = GND, VCC = +5.0V) -40 °C 0 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Min Typ Max Unit VOH Output HIGH Voltage 1,2 3920 4110 3980 4160 4020 4190 4090 4280 mV VOL Output LOW Voltage 1,2 3050 3350 3050 3370 3050 3370 3050 3405 mV VIH Input HIGH Voltage 1 3770 4110 3830 4160 3870 4190 3940 4280 mV VIL Input LOW Voltage 1 3050 3500 3050 3520 3050 3520 3050 3555 mV IIH Input HIGH Current D0 D1 250 150 250 150 250 150 250 150 μA IIL Input LOW Current 0.5 0.5 0.5 0.5 μA IEE Power Supply Current 14 17 14 17 14 17 14 17 mA 1. For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value. 2. Each output is terminated through a 50 Ω resistor to V CC – 2V. 100K ECL DC Characteristics (VEE = -4.2V to -5.5V, VCC = GND) -40 °C 0 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Min Typ Max Unit VOH Output HIGH Voltage 1 -1085 -1005 -880 -1025 -955 -880 -1025 -955 -880 -1025 -955 -880 mV VOL Output LOW Voltage 1 -1830 -1695 -1555 -1810 -1705 -1620 -1810 -1705 -1620 -1810 -1705 -1620 mV VIH Input HIGH Voltage -1165 -880 -1165 -880 -1165 -880 -1165 -880 mV VIL Input LOW Voltage -1810 -1475 -1810 -1475 -1810 -1475 -1810 -1475 mV IIH Input HIGH Current D0 D1 250 150 250 150 250 150 250 150 μA IIL Input LOW Current 0.5 0.5 0.5 0.5 μA IEE Power Supply Current 14 17 14 17 14 17 16 20 mA 1. Each output is terminated through a 50 Ω resistor to V CC – 2V. |
Số phần tương tự - AZTEL07 |
|
Mô tả tương tự - AZTEL07 |