công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZV99NBG bảng dữ liệu(PDF) 1 Page - Arizona Microtek, Inc

tên linh kiện AZV99NBG
Giải thích chi tiết về linh kiện  PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AZM [Arizona Microtek, Inc]
Trang chủ  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZV99NBG bảng dữ liệu(HTML) 1 Page - Arizona Microtek, Inc

  AZV99NBG Datasheet HTML 1Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 2Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 3Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 4Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 5Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 6Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 7Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 8Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AZV99
PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (480) 890-2541
www.azmicrotek.com
ARIZONA MICROTEK, INC.
FEATURES
Green and RoHS Compliant /
Lead (Pb) Free Packages Available
Similar Operation as AZ100LVEL16VT
except with LVDS Outputs
Operating Range of 3.0V to 5.5V
Minimizes External Components
Selectable Enable Polarity and
Threshold (CMOS/TTL or PECL)
Available in a 2x2 or 3x3mm
MLP Package
S–Parameter (.s2p) and IBIS Model
Files Available on Arizona Microtek
Website
DESCRIPTION
The AZV99 is a specialized oscillator gain stage with LVDS output buffer including an enable. The enable
input (EN) allows continuous oscillator operation by only controlling the QHG /Q
¯ HG outputs.
The AZV99 also provides a VBB and 470Ω internal bias resistors from D to VBB and D
¯ to VBB. The VBB pin can
support 1.5 mA sink/source current. Bypassing VBB to ground with a 0.01 μF capacitor is recommended.
MLP 16, 3x3 mm Package (L) or DIE (X)
The MLP 16 and die versions of the AZV99 provide a selectable enable (EN). Enable polarity and threshold can
be selected to accommodate either CMOS/TTL or PECL input levels. See the enable truth table for enable function.
If enable pull-up is desired in the CMOS/TTL mode, an external
≤20kΩ resistor connecting EN to VCC will override
the on-chip pull-down resistor.
Outputs Q/Q
¯ each have a selectable on-chip pull-down current source. See the current source truth table for
current source functions. External resistors may also be used to increase pull-down current to a maximum of 25mA
(includes internal on-chip current source).
PACKAGE AVAILABILITY
PACKAGE
PART NUMBER
MARKING
NOTES
MLP 8 (2x2x0.75)
Green / RoHS
Compliant / Lead (Pb)
Free
AZV99NG
V1G
<Date Code>
1,2
MLP 8 (2x2x0.75)
AZV99NA
V9
<Date Code>
1,2
MLP 8 (2x2x0.75)
Green / RoHS
Compliant / Lead (Pb)
Free
AZV99NBG
V8G
<Date Code>
1,2
MLP 8 (2x2x0.75)
Green / RoHS
Compliant / Lead (Pb)
Free
AZV99NDG
V2G
<Date Code>
1,2
MLP 16 (3x3) Green /
RoHS Compliant /
Lead (Pb) Free
AZV99LG
AZMG
V99
<Date Code>
1,2
TSSOP 8 RoHS
Compliant / Lead (Pb)
Free
AZV99T+
AZ+
V99
1,2,3
DIE
AZV99XP
N/A
4
1
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K parts) Tape &
Reel.
2
Date code format: “Y” for year followed by “WW” for week.
3
Date Code “YWW” on underside of part.
4
Waffle Pack


Số phần tương tự - AZV99NBG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arizona Microtek, Inc
AZV99NBG AZM-AZV99NBG Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99NBG AZM-AZV99NBG Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results

Mô tả tương tự - AZV99NBG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com