công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL062AIN bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
TL062AIN bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
5 / 14 page TL062 Electrical characteristics 5/14 tr Rise time Vi = 20mV, RL = 10kΩ, CL = 100pF, Av = 1 0.2 0.2 0.2 μs Kov Overshoot factor (see Figure 15) Vi = 20mV, RL = 10kΩ, CL = 100pF, Av = 1 10 10 10 % en Equivalent input noise voltage RS = 100Ω, f = 1kHz 42 42 42 1. The input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive.Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible. Table 3. VCC = ±15V, Tamb = +25°C (unless otherwise specified) (continued) Symbol Parameter TL062M TL062I TL062C Unit Min Typ Max Min Typ Max Min Typ Max nV Hz ------------ Table 4. VCC = ±15V, Tamb = +25°C (unless otherwise specified) Symbol Parameter TL062AC, AI, AM TL062BC, BI, BM Unit Min. Typ. Max. Min. Typ. Max. Vio Input offset voltage (RS = 50Ω) Tamb = +25°C Tmin ≤ Tamb ≤ Tmax 36 7.5 23 5 mV DVio Temperature coefficient of input offset voltage (RS = 50Ω) 10 10 µV/°C Iio Input offset current (1) Tamb = +25°C Tmin ≤ Tamb ≤ Tmax 5100 3 5 100 3 pA nA Iib Input bias current (1) Tamb = +25°C Tmin ≤ Tamb ≤ Tmax 30 200 7 30 200 7 nA Vicm Input common mode voltage range ±11.5 +15 -12 ±11.5 +15 -12 Vopp Output voltage swing (RL = 10kΩ) Tamb = +25°C Tmin ≤ Tamb ≤ Tmax 20 20 27 20 20 27 V Avd Large signal voltage gain RL = 10kΩ, Vo = ±10V, Tamb = +25°C Tmin ≤ Tamb ≤ Tmax 4 4 64 4 6 V/mV GBP Gain bandwidth product Tamb = +25°C, RL =10kΩ, CL = 100pF 11 MHz Ri Input resistance 1012 1012 Ω CMR Common mode rejection ratio RS = 50Ω 80 86 80 86 dB |
Số phần tương tự - TL062AIN |
|
Mô tả tương tự - TL062AIN |