công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL071 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
TL071 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
2 / 10 page TL071 - TL071A - TL071B 2/10 SCHEMATIC DIAGRAM INPUT OFFSET VOLTAGE NULL CIRCUIT ABSOLUTE MAXIMUM RATINGS Output Non-inverting input Inverting input V CC V CC 100 Ω 1.3k 30k 35k 35k 100 Ω 1.3k 8.2k Offset Null1 Offset Null2 100 Ω 200 Ω N1 N2 TL071 100k Ω V CC Symbol Parameter TL071M, AM, BM TL071I, AI, BI TL071C, AC, BC Unit VCC Supply voltage - note 1) 1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the zero reference level is the midpoint between VCC + and V CC -. ±18 V Vi Input Voltage - note 2) 2. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less. ±15 V Vid Differential Input Voltage - note 3) 3. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. ±30 V Ptot Power Dissipation 680 mW Output Short-circuit Duration - note 4) 4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded Infinite Toper Operating Free-air Temperature Range -55 to +125 -40 to +105 0 to +70 °C Tstg Storage Temperature Range -65 to +150 °C |
Số phần tương tự - TL071_01 |
|
Mô tả tương tự - TL071_01 |